Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1526 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1526
Description  ST7FLITE0 QUICK REFERENCE NOTE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1526 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1526 Datasheet HTML 17Page - STMicroelectronics AN1526 Datasheet HTML 18Page - STMicroelectronics AN1526 Datasheet HTML 19Page - STMicroelectronics AN1526 Datasheet HTML 20Page - STMicroelectronics AN1526 Datasheet HTML 21Page - STMicroelectronics AN1526 Datasheet HTML 22Page - STMicroelectronics AN1526 Datasheet HTML 23Page - STMicroelectronics AN1526 Datasheet HTML 24Page - STMicroelectronics AN1526 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
ST7FLITE0 QUICK REFERENCE NOTE
Figure 13. Auto Reload Timer (cont’d)
Figure 14. FLASH
PWM DUTY CYCLE VALUE
PWM0 DUTY CYCLE REGISTER HIGH
DCR0H (@ 0017h, Read/Write)
RESET VALUE = 00h
0
7
RESERVED
DCR8
DCR10
DCR9
0
0
0
0
DCR11
PWM0 DUTY CYCLE REGISTER LOW
DCR0L (@ 0018h, Read/Write)
RESET VALUE = 00h
0
7
PWM DUTY CYCLE VALUE
DCR0
DCR2
DCR1
DCR4
DCR5
DCR6
DCR7
DCR3
FLASH CONTROL/STATUS REGISTER
FCSR (@ 002Fh, Read/Write)
RESET VALUE = 00h
PGM
OPT
LAT
0
0
0
0
0
0
7
RESERVED, MUST BE SET TO 0
0 = READ MODE
1 = WRITE MODE
0 = PROGR. FINISHED OR NOT YET STARTED
1 = PROGRAMMING CYCLE IN PROGRESS
0 = ICP MODE PROGRAM MEMORY ACCESS
1 = ICP MODE OPTION BYTE ACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com