Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1526 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1526
Description  ST7FLITE0 QUICK REFERENCE NOTE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1526 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1526 Datasheet HTML 18Page - STMicroelectronics AN1526 Datasheet HTML 19Page - STMicroelectronics AN1526 Datasheet HTML 20Page - STMicroelectronics AN1526 Datasheet HTML 21Page - STMicroelectronics AN1526 Datasheet HTML 22Page - STMicroelectronics AN1526 Datasheet HTML 23Page - STMicroelectronics AN1526 Datasheet HTML 24Page - STMicroelectronics AN1526 Datasheet HTML 25Page - STMicroelectronics AN1526 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
ST7FLITE0 QUICK REFERENCE NOTE
Figure 16. SPI
SPI DATA I/O REGISTER
SPIDR (@ 0031h, Read/Write)
RESET VALUE = XXh
0
7
SPI DATA
D0
D2
D1
D4
D5
D6
D7
D3
SPI CONTROL REGISTER
SPICR (@ 0032h, Read/Write)
RESET VALUE = 0Xh
SPR0
CPHA
SPR1
MSTR
SPR2
SPE
SPIE
CPOL
0
7
0 = INTERRUPT DISABLED
1 = INT. GEN. WHEN SPIF = 1 OR MODF = 1
0 = I/O PORT CONNECTED TO PINS
1 = SPI ALT. FUNCTION CONNECTED TO PINS
0 = SLAVE MODE SELECTED
1 = MASTER MODE SELECTED
00 = SERIAL PERIPHERAL RATE = fCPU / 8
01 = SERIAL PERIPHERAL RATE = fCPU / 16
10 = SERIAL PERIPHERAL RATE = fCPU / 64
11 = SERIAL PERIPHERAL RATE = fCPU / 128
0 = DIVIDER BY 2 ENABLED
1 = DIVIDER BY 2 DISABLED
0 = STEADY STATE IS LOW
1 = STEADY STATE IS HIGH
0 = DATA CAPTURE ON 1ST CLOCK TRANSITION
1 = DATA CAPTURE ON 2ND CLOCK TRANSITION
SPI CONTROL/STATUS REGISTER
SPICSR (@ 0033h, Read Only)
RESET VALUE = 00h
SSI
SOD
SSM
MODF
OVR
WCOL
SPIF
0
0
7
0 = DATA TRANSFER IN PROGRESS
1 = DATA TRANSFER COMPLETED
0 = NO WRITE COLLISIONS DETECTED
1 = A WRITE COLLISION HAS BEEN DETECTED
0 = NO MASTER MODE FAULTS DETECTED
1 = A MASTER MODE FAULT HAS BEEN DETECTED
0 = HARDWARE MODE
1 = SOFTWARE MODE
0 = SLAVE SELECTED
1 = SLAVE NOT SELECTED
0 = NO OVERRUN ERRORS
1 = AN OVERRUN ERROR HAS BEEN DETECTED
RESERVED, MUST BE SET TO 0
0 = SPI OUTPUT NOT DISABLED
1 = SPI OUTPUT DISABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com