Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1921
Description  Dual 48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1921
12
1921f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0902 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT4250
–48V Hot Swap Controller in SO-8 Package
Active Current Limiting, Supplies from –20V to –80V
LTC4251
–48V Hot Swap Controller in SOT-23 Package
Fast Active Current Limiting, Supplies from –15V (Floating)
LTC4252
–48V Hot Swap Controller in MSOP Package
Fast Active Current Limiting, Floating Supply, PWRGD Output
LTC4253
–48V Hot Swap Controller with Sequencer
Similar to LTC4252, Sequences Three DC/DC Converters
Voltage and Fuse Monitor with LED Outputs
Single 48V Supply Monitor
Single –48V Supply Monitor
TYPICAL APPLICATIO S
MOC207
1921 TA04
LOGIC V+
LOGIC
COMMON
SUPPLY GOOD
47k
OUT F
VA
3
4
5
7
47k
1/4W
2
8
1
6
VB
FUSE A
RTN
V+
LTC1921
FUSE B
OUT A
OUT B
MOC207
1921 TA06
LOGIC V+
LOGIC
COMMON
SUPPLY GOOD
47k
OUT F
VA
V–
3
4
5
7
47k
1/4W
2
8
1
6
VB
FUSE A
RTN
LTC1921
FUSE B
OUT A
OUT B
1921 TA03
R3
5.1k
2W
D5
GREEN
D4
GREEN
D3
GREEN
OUT F
–48V RETURN
VA
3
4
5
7
2
8
1
6
–48V OUT
VB
FUSE A
RTN
LTC1921
FUSE B
OUT A
OUT B
D1
F1
SUPPLY A
–48V
SUPPLY B
–48V
F2
D2
R2
100k
R1
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com