Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1921
Description  Dual 48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 3 Page - Linear Technology

  LTC1921 Datasheet HTML 1Page - Linear Technology LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC1921
3
1921f
Supply Current vs Supply Voltage
Undervoltage Threshold
vs Temperature
Supply Current vs Temperature
Undervoltage Recovery Threshold
vs Temperature
Overvoltage Threshold
vs Temperature
Overvoltage Hysteresis
vs Temperature
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Transient voltage for less than 10
µs. This parameter is not 100%
tested. Voltage should not exceed 200V between any two pins.
Note 3: The LTC1921C and LTC1921I are guaranteed functional over the
operating temperature range of –40
°C to 85°C.
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5) RTN = 0V, VA = –48V, VB = –48V, FUSE A = –48V,
FUSE B = –48V, unless otherwise noted.
Note 4: The LTC1921C is guaranteed to meet specified performance from
0
°C to 70°C. The LTC1921C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC1921I is guaranteed to meet
specified performance from –40 t0 85
°C.
Note 5: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to RTN unless otherwise
specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Switch Off Leakage
500
pA
Output Switch Resistance in Undervoltage Lockout,
VA = VB = –10V, IOUT = 10mA
q
60
Ω
OUT F, OUT A, OUT B
VA = –10V, VB = 0V, IOUT = 10mA
q
80
Ω
VA = 0V, VB = –10V, IOUT = 10mA
q
80
Ω
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
80
1921 G01
20
40
60
100
70
10
30
50
90
VA = VB = VFUSEA = VFUSEB
TEMPERATURE (
°C)
–50
100
IA + IB
IA, IB
120
140
90
1921 G02
80
60
0
–30
–10
10
30
50
70
40
20
180
160
VA = –48V
VB = –48V
VFUSEA = –48V
VFUSEB = –48V
TEMPERATURE (
°C)
1921 G04
–37.5
–37.7
–37.9
–38.1
–38.3
–38.5
–38.7
–38.9
–39.1
–39.3
–39.5
–50
–30
–10
10
30
50
70
90
TEMPERATURE (
°C)
–50
–30
–10
10
30
50
70
90
1921 G04
–42.5
–42.6
–42.7
–42.8
–42.9
–43.0
–43.1
–43.2
–43.3
–43.4
–43.5
TEMPERATURE (
°C)
1921 G05
–68.0
–68.5
–69.0
–69.5
–70.0
–70.5
–71.0
–71.5
–72.0
–50
–30
–10
10
30
50
70
90
TEMPERATURE (
°C)
1921 G06
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
1.00
–50
–30
–10
10
30
50
70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com