Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2912 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2912
Description  Single UV/OV Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912 Datasheet(HTML) 2 Page - Linear Technology

  LTC2912 Datasheet HTML 1Page - Linear Technology LTC2912 Datasheet HTML 2Page - Linear Technology LTC2912 Datasheet HTML 3Page - Linear Technology LTC2912 Datasheet HTML 4Page - Linear Technology LTC2912 Datasheet HTML 5Page - Linear Technology LTC2912 Datasheet HTML 6Page - Linear Technology LTC2912 Datasheet HTML 7Page - Linear Technology LTC2912 Datasheet HTML 8Page - Linear Technology LTC2912 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC2912
2
2912fb
For more information www.linear.com/LTC2912
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VCC (Note 3)............................................. –0.3V to 6V
OV, UV, OV............................................. –0.3V to 16V
TMR..........................................–0.3V to (VCC + 0.3V)
VH, VL, LATCH, DIS ...............................–0.3V to 7.5V
Terminal Currents
IVCC....................................................................10mA
IUV, IOV, IOV........................................................10mA
(Note 1)
Operating Temperature Range
LTC2912C ................................................ 0°C to 70°C
LTC2912I .............................................–40°C to 85°C
LTC2912H .......................................... –40°C to 125°C
Storage Temperature Range
TSOT.................................................. –65°C to 125°C
DFN.................................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT.................................................................300°C
LTC2912‑1
LTC2912‑1
LATCH 1
UV 2
OV 3
GND 4
8 VCC
7 VH
6 VL
5 TMR
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 195°C/W
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VCC
VH
VL
TMR
LATCH
UV
OV
GND
TJMAX = 125°C, θJA = 55°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
LTC2912‑2
LTC2912‑2
DIS 1
UV 2
OV 3
GND 4
8 VCC
7 VH
6 VL
5 TMR
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 55°C/W
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VCC
VH
VL
TMR
DIS
UV
OV
GND
TJMAX = 125°C, θJA = 55°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
LTC2912‑3
LTC2912‑3
LATCH 1
UV 2
OV 3
GND 4
8 VCC
7 VH
6 VL
5 TMR
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 55°C/W
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VCC
VH
VL
TMR
LATCH
UV
OV
GND
TJMAX = 125°C, θJA = 55°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com