Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2912 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2912
Description  Single UV/OV Voltage Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2912 Datasheet HTML 2Page - Linear Technology LTC2912 Datasheet HTML 3Page - Linear Technology LTC2912 Datasheet HTML 4Page - Linear Technology LTC2912 Datasheet HTML 5Page - Linear Technology LTC2912 Datasheet HTML 6Page - Linear Technology LTC2912 Datasheet HTML 7Page - Linear Technology LTC2912 Datasheet HTML 8Page - Linear Technology LTC2912 Datasheet HTML 9Page - Linear Technology LTC2912 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC2912
6
2912fb
For more information www.linear.com/LTC2912
UV Output Voltage vs VCC
Reset Time-Out Period
vs Capacitance
UV, ISINK vs VCC
TYPICAL PERFORMANCE CHARACTERISTICS
UV/OV, Voltage Output Low
vs Output Sink Current
Reset Timeout Period
vs Temperature
OV/OV Output Voltage vs VCC
DIS (Pin 8/Pin 1, LTC2912-2): Output Disable Input.
Disables the OV and UV output pins. When DIS is pulled
high, the OV and UV pins are not asserted except during a
UVLO condition. Pin has a weak (2µA) internal pull‑down
to GND. Leave pin open if unused.
Exposed Pad (Pin 9, DDB Package): Exposed Pad may
be left open or connected to device ground.
GND (Pin 5/Pin 4): Device Ground.
LATCH (Pin 8/Pin 1, LTC2912-1, LTC2912-3): OV/OV
Latch Clear/Bypass Input. When pulled high, OV/OV latch
is cleared. While held high, OV/OV has a similar delay and
output characteristic as UV.
OV (Pin 6/Pin 3, LTC2912-1, LTC2912-2): Overvoltage
Logic Output. Asserts low when the VL input voltage is
above threshold. Latched low (LTC2912‑1). Held low for
programmed delay time after VL input is valid (LTC2912‑
2). Pin has a weak pull‑up to VCC and may be pulled above
VCC using an external pull‑up. Leave pin open if unused.
PIN FUNCTIONS (DFN/TSOT Packages)
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2912 G07
2
1
0
1
2
3
5
VH = 0.55V
SEL = VCC
TMR PIN CAPACITANCE, CTMR (nF)
10
100
1000
10000
0.1
10
100
1000
2912 G08
1
1
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2912 G09
2
1
0
1
2
3
5
VH = 0.45V
SEL = VCC
UV AT 150mV
UV AT 50mV
0
0
0.2
0.4
0.6
0.8
1.0
5
10
15
20
1912 G10
25
–40°C
30
25°C
85°C
IUV/OV (mA)
TEMPERATURE (°C)
–50
6
7
8
9
10
12
–25
0
25
50
2912 G11
75
100
11
CTMR = 1nF
SUPPLY VOLTAGE, VCC (V)
0
3
OV
OV
4
5
4
2912 G12
2
1
0
1
2
3
5
VL = 0.55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com