Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2997 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2997
Description  Remote/Internal Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2997 Datasheet HTML 9Page - Linear Technology LTC2997 Datasheet HTML 10Page - Linear Technology LTC2997 Datasheet HTML 11Page - Linear Technology LTC2997 Datasheet HTML 12Page - Linear Technology LTC2997 Datasheet HTML 13Page - Linear Technology LTC2997 Datasheet HTML 14Page - Linear Technology LTC2997 Datasheet HTML 15Page - Linear Technology LTC2997 Datasheet HTML 16Page - Linear Technology LTC2997 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2997
13
2997fa
TYPICAL APPLICATIONS
Figure 11. Analog PWM Heater Controller
Figure 12. 75°C Analog Heater Controller
5V
D+
D–
LTC2997
VCC
VPTAT
VREF
VTARGET
VREF
GND
0.1μF
470pF
2997 F11
22k
1k
100k
100k
1M
5V
100μF
MEASURE TEMPERATURE AND SET
TARGET TEMPERATURE WITH
RESISTIVE DIVIDER
INTEGRATE
TEMPERATURE
ERROR
PWM
OSCILLATOR
100pF
10M
10M
10Ω
RHEATER
CET 3904
200k
ZXM64PO35
75k
LTC6079
LTC6079
5V
D+
D–
LTC2997
VCC
VPTAT
VREF
GND
0.1μF
470pF
2997 F12
22k
VTARGET = 1.3917V
10Ω
RHEATER
IRF3708
CET 3904
75k
LTC6079
4mV/K
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com