Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2997 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2997
Description  Remote/Internal Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2997 Datasheet(HTML) 2 Page - Linear Technology

  LTC2997 Datasheet HTML 1Page - Linear Technology LTC2997 Datasheet HTML 2Page - Linear Technology LTC2997 Datasheet HTML 3Page - Linear Technology LTC2997 Datasheet HTML 4Page - Linear Technology LTC2997 Datasheet HTML 5Page - Linear Technology LTC2997 Datasheet HTML 6Page - Linear Technology LTC2997 Datasheet HTML 7Page - Linear Technology LTC2997 Datasheet HTML 8Page - Linear Technology LTC2997 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2997
2
2997fa
PIN CONFIGURATION
Terminal Voltages
VCC........................................................... –0.3V to 6V
D+, D–, VPTAT, VREF ......................–0.3V to VCC + 0.3V
TOP VIEW
VREF
GND
VCC
D+
D–
VPTAT
DCB PACKAGE
6-LEAD (2mm
3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 150°C, θJA = 64°C/W
EXPOSED PAD PCB GROUND CONNECTION OPTIONAL
ORDER INFORMATION
Operating Ambient Temperature Range
LTC2997C ................................................ 0°C to 70°C
LTC2997I ............................................. –40°C to 85°C
LTC2997H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2997CDCB#TRMPBF
LTC2997CDCB#TRPBF
LFQZ
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC2997IDCB#TRMPBF
LTC2997IDCB#TRPBF
LFQZ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2997HDCB#TRMPBF
LTC2997HDCB#TRPBF
LFQZ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com