Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA2012 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTA2012
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA2012 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTA2012 Datasheet HTML 1Page - KEC(Korea Electronics) KTA2012 Datasheet HTML 2Page - KEC(Korea Electronics) KTA2012 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 2. 20
3/3
KTA2012E
Revision No : 1
C
- V
, C
- V
CB
COLLECTOR-BASE VOLTAGE V
(V)
EB
EMITTER-BASE VOLTAGE V
(V)
ob
Cob
CB
-0.1
-0.3
1
-1
-3
-10
-30
-100
3
5
10
30
50
100
300
500
1K
ib
Cib
EB
I =0A
f=1MHz
Ta=25 C
E
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
50
100
150
200
150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com