Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA2012 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA2012
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA2012 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA2012 Datasheet HTML 1Page - KEC(Korea Electronics) KTA2012 Datasheet HTML 2Page - KEC(Korea Electronics) KTA2012 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 2. 20
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA2012E
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 1
SWITCHING APPLICATION.
FEATURES
A Collector Current is Large.
Collector Saturation Voltage is low.
: VCE(sat) -250mV at IC=-200mA/IB=-10mA.
Complementary to KTC4072E.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
ESM
1.60 0.10
0.85 0.10
0.70 0.10
0.27+0.10/-0.05
1.60 0.10
1.00 0.10
0.50
0.13 0.05
C
G
H
J
1
3
2
E
B
D
J
1. EMITTER
2. BASE
3. COLLECTOR
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-15
V
Collector-Emitter Voltage
VCEO
-12
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-500
mA
ICP *
-1
A
Collector Power Dissipation
PC
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Type Name
Marking
S Z
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-15V, IE=0
-
-
-100
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A
-15
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA
-12
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A
-6
-
-
V
DC Current Gain
hFE
VCE=-2V, IC=-10mA
270
-
680
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-200mA, IB=-10mA
-
-100
-250
mV
Transition Frequency
fT
VCE=-2V, IC=-10mA, fT=100MHz
-
260
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
6.5
-
pF
* Single pulse Pw=1mS.


Similar Part No. - KTA2012

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA2012 KEC-KTA2012 Datasheet
72Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
KTA2012E KEC-KTA2012E_15 Datasheet
721Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
KTA2012V KEC-KTA2012V Datasheet
72Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
KTA2012V KEC-KTA2012V_15 Datasheet
721Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA2012

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N2906E KEC-2N2906E Datasheet
51Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC327 KEC-BC327 Datasheet
267Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC807 KEC-BC807 Datasheet
207Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
BC859 KEC-BC859 Datasheet
243Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1021 KEC-KTA1021 Datasheet
236Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1266 KEC-KTA1266 Datasheet
308Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1270 KEC-KTA1270 Datasheet
50Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA2012V KEC-KTA2012V Datasheet
72Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
KTA2015 KEC-KTA2015 Datasheet
245Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA711U KEC-KTA711U Datasheet
78Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com