Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3216 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 2 Page - Linear Technology

  LTC3216 Datasheet HTML 1Page - Linear Technology LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3216
2
3216fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN to GND ................................................ –0.3V to 5.5V
CPO to GND .............................................. –0.3V to 5.5V
EN2, EN1...........................................–0.3V to VIN + 0.3V
ICPO, IILED (Note 2).............................................1500mA
CPO Short-Circuit Duration .............................. Indefinite
Operating Temperature Range (Note 3).... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
12
11
10
9
8
7
1
2
3
4
5
6
C1–
GND
C2–
VIN
EN2
EN1
C2+
C1+
CPO
ISET1
ILED
ISET2
TOP VIEW
DE12 PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
EXPOSED PAD IS GND (PIN 13)
MUST BE SOLDERED TO PCB
13
TJMAX = 125°C, θJA = 43°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3216EDE#PBF
LTC3216EDE#TRPBF
3216
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = C1 = C2 = 2.2μF, CCPO = 4.7μF.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VIN Operating Voltage
●
2.9
4.4
V
IVIN Operating Current
ICPO = 0mA, 1x Mode
ICPO = 0mA, 1.5x
ICPO = 0mA, 2x Mode
300
7
9.2
μA
mA
mA
IVIN Shutdown Current
EN2 = EN1 = LOW
2.5
7
μA
LED Current
LED Current Ratio (ILED/ISET1/2)ILED = 200mA to 800mA
●
3120
3250
3380
mA/mA
ILED Dropout Voltage
Mode Switch Threshold, ILED = 200mA
120
mV
Mode Switching Delay
(LED Warmup Time)
EN1 = HIGH, EN2 = LOW
EN1 = LOW or HIGH, EN2 = HIGH
150
2
ms
ms
LED Current On Time
EN
to LED Current On
130
μs
Charge Pump (CPO)
1x Mode Output Voltage
ICPO = 0mA
VIN
V
1.5x Mode Output Voltage
ICPO = 0mA
4.6
V
2x Mode Output Voltage
ICPO = 0mA
5.1
V
1x Mode Output Impedance
0.25
Ω
1.5x Mode Output Impedance
VIN = 3.4V, VCPO < 4.6V, C1 = C2 = 2.2μF
1.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com