Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3216 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3216
Description  1A Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3216 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3216 Datasheet HTML 2Page - Linear Technology LTC3216 Datasheet HTML 3Page - Linear Technology LTC3216 Datasheet HTML 4Page - Linear Technology LTC3216 Datasheet HTML 5Page - Linear Technology LTC3216 Datasheet HTML 6Page - Linear Technology LTC3216 Datasheet HTML 7Page - Linear Technology LTC3216 Datasheet HTML 8Page - Linear Technology LTC3216 Datasheet HTML 9Page - Linear Technology LTC3216 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3216
6
3216fc
BLOCK DIAGRAM
OPERATION
The LTC3216 uses a fractional switched capacitor charge
pump to power a high current LED with a programmed
regulated current. The part starts up into the 1x mode. In
this mode, VIN is directly connected to CPO. This mode
provides maximum efficiency and minimum noise. The
LTC3216 will remain in this mode until the LED current
source begins to dropout. When dropout is detected,
the LTC3216 will switch to 1.5x mode after a soft-start
period. Any subsequent dropout detected will cause the
part to enter 2x mode. The part may be reset to 1x mode
by bringing the part into shutdown mode and then reen-
abling the part.
A two phase nonoverlapping clock activates the charge
pump switches. In the 2x mode, the flying capacitors are
charged on alternate clock phases from VIN. While one
capacitor is being charged from VIN, the other is stacked
on top of VIN and connected to the output. Alternatively, in
the 1.5x mode the flying capacitors are charged in series
during the first clock phase, and stacked in parallel on
top of VIN on the second clock phase. This sequence of
charging and discharging the flying capacitors continues
at a free running frequency of 900kHz (typ).
The current delivered to the LED load is controlled by the
internal programmable current source. Three discrete
current settings (Low, High and Low + High) are avail-
able and may be selected via the EN2 and EN1 pins. The
values of these currents may be selected by choosing
the appropriate programming resistors. Each resistor is
2
3
5
13
11
12
4
6
–
+
1
10
1x MODE: CPO = VIN
1.5x MODE: CPO = 4.6V
2x MODE: CPO = 5.1V
VREF
DROPOUT
DETECTOR
CURRENT
SOURCE
CONTROL
CONTROL
LOGIC
MODE
CONTROL
OSCILLATOR
8
9
7
GND
CPO
ILED
GND
ISET2
ISET1
VIN
EN1
EN2
C1+
C1–
C2+
C2–
3216 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com