Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1799 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1799
Description  STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1799 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1799 Datasheet HTML 1Page - STMicroelectronics AN1799 Datasheet HTML 2Page - STMicroelectronics AN1799 Datasheet HTML 3Page - STMicroelectronics AN1799 Datasheet HTML 4Page - STMicroelectronics AN1799 Datasheet HTML 5Page - STMicroelectronics AN1799 Datasheet HTML 6Page - STMicroelectronics AN1799 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
1 HARDWARE LAYOUT
A 4x4 keypad can be very easily interfaced to the STR710’s PORT1 & PORT2 (Figure 1).
Eight lines (P1.0 - 7) are assigned to LED segments. Four lines (P1.8 - 11) are used to drive
and select the 7-segment displays through sink transistors. The same lines are used for
pressed key checking. Keypad rows are connected with pull-down resistors to the four exter-
nal interrupts pins (P2.8 - 11).
Figure 1. Multiplexing matrixed keypad with four 7-segment displays
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P1.8
P1.9
P1.10
P1.11
NPN
NPN
NPN
NPN
4 x 7-segment displays
a
b
c
d
e
f
g
DP
P2.8
P2.9
P2.10
P2.11
LED Module
1
4
7
E
23
A
6
9
0
5
8
C
B
F
D
4x4 KEYPAD
BC 547C
BC 547C
BC 547C
BC 547C
1.2K
1.2K
1.2K
1.2K
0.33K
0.33K
0.33K
0.33K
0.12K
0.12K
0.12K
0.12K
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com