Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1799 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1799
Description  STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1799 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1799 Datasheet HTML 1Page - STMicroelectronics AN1799 Datasheet HTML 2Page - STMicroelectronics AN1799 Datasheet HTML 3Page - STMicroelectronics AN1799 Datasheet HTML 4Page - STMicroelectronics AN1799 Datasheet HTML 5Page - STMicroelectronics AN1799 Datasheet HTML 6Page - STMicroelectronics AN1799 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
2 STR710 CONFIGURATION
This part is dedicated to show the STR710 Microcontroller configuration. The STR710 is used
since it offers the possibility to use external interrupts.
2.1 GPIO PORT CONFIGURATION
Rows are connected to P2.8-11 pins configured as Input Pull Up /Pull Down Weak Push-Pull
mode. For the columns, the sink transistors base pins are connected to P1.8-11 pins config-
ured as Output Push-Pull. External interrupts are triggered by a high level applied to a pin of
P2.8-11 (caused by a pressed key), they generate an interrupt on the external interrupt (XTI)
channel and can wakeup the system from STOP mode.
P1.0-7 configured as Output Push-Pull to send the value of the pressed key to the desired 7
segment display.
2.2 XTI CONFIGURATION
The External Interrupts Unit (XTI) manages 14 external interrupt lines.
In this aplication the XTI is configured to generate interrupts when a rising edge is detected on
line 2-5; any transition from low to high level on the P2.8-11 pins will trigger an external inter-
rupt.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com