Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1830 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics AN1830 Datasheet HTML 10Page - STMicroelectronics AN1830 Datasheet HTML 11Page - STMicroelectronics AN1830 Datasheet HTML 12Page - STMicroelectronics AN1830 Datasheet HTML 13Page - STMicroelectronics AN1830 Datasheet HTML 14Page - STMicroelectronics AN1830 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
Table 5 ADC Analysis (Before and After FILTER)
Where:
OFFSET CNT = 58 in LSB (AMPCAL=1)
Ideal ADC CNT = (VIN x 8) /4.88 (at 5V)
ADC output in LSB (ADCDRH + ADCDRL) = ((VIN x 8) + VOFFSET) / 4.88
ADC output in LSB (Offset Compensated) = ADC output in LSB (ADCDRH + ADCDRL) -
OFFSET CNT
5 CONCLUSION
Overall, the ST7LITE2 ADC + Amplifier is a good price/performance trade-off with effective
resolution of 13-bit, which can be used in various applications where small signal amplification
is required with minimum hardware interface.
The accuracy of the ADC is also good, provided you take note of VOFFSET and keep external
noise to a minimum for which you can use different techniques explained above. With these
techniques we are able to restrict the ADC error within ±3 LSB at room temperature with am-
plifier ON.
An important thing to remember while using the ST7LITE2 amplifier is the “offset compensa-
tion”, which is mandatory due to the design of the device.
VIN (at AIN0)
in mV
Ideal ADC
CNT in
LSB
ADC output in LSB
ADCDRH + ADCDRL
ADC output in LSB (Off-
set Compensated)
Max
Min
Max
Min
50
82
145
136
87
78
200
328
393
383
335
325
400
656
718
710
660
652
ADC Output with H/W and S/W filtering (in LSB)
50
82
141
140
83
82
200
328
388
383
330
325
400
656
716
714
658
656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com