Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1830 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1830 Datasheet HTML 1Page - STMicroelectronics AN1830 Datasheet HTML 2Page - STMicroelectronics AN1830 Datasheet HTML 3Page - STMicroelectronics AN1830 Datasheet HTML 4Page - STMicroelectronics AN1830 Datasheet HTML 5Page - STMicroelectronics AN1830 Datasheet HTML 6Page - STMicroelectronics AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
The % TE increases for lower voltages, therefore it is recommended that you use the right
voltage range depending on the supply voltage VDD. The formula used to calculate TE is:
Total Error (TE) in worst case conditions = Global TUE / ((VIN x Typical gain) / 1LSBideal)
x100%
Where, Global TUE=±10LSB
Typical Amplifier Gain = 8
1LSBideal for 5V VDD = 4.88mV
1LSBideal for 3.6V VDD= 3.5mV
Figure 2 Worst Case Total Error % @ 5V
Figure 3 Worst Case Total Error % @ 3.6V
0
1
2
3
4
5
6
7
0
0.1
0.2
0.3
0.4
0.5
0.6
Vin Max
0
1
2
3
4
5
6
7
8
9
10
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com