Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1946 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1946
Description  SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1946 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1946 Datasheet HTML 17Page - STMicroelectronics AN1946 Datasheet HTML 18Page - STMicroelectronics AN1946 Datasheet HTML 19Page - STMicroelectronics AN1946 Datasheet HTML 20Page - STMicroelectronics AN1946 Datasheet HTML 21Page - STMicroelectronics AN1946 Datasheet HTML 22Page - STMicroelectronics AN1946 Datasheet HTML 23Page - STMicroelectronics AN1946 Datasheet HTML 24Page - STMicroelectronics AN1946 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
AN1946
Advantages
This method of BEMF sampling is done during PWM “ON” state allowing up to a maximum
duty cycle (100%). Use of high frequency sampling without analog filtering and with the possi-
bility of digital filtering gives more flexibility to this method.
Drawbacks
This method is less sensitive than the ST method because the voltage divider is used to sense
BEMF.
5.2 PRACTICAL IMPLEMENTATION
The following schema shows the network for sampling during PWM ON using a digital filter im-
plemented with the use of an external reference voltage following the DC bus variation.
The network on the DC bus used to realize the reference voltage can be removed in the situ-
ation where the DC bus is constant.
In its place we use the internal programmable reference (from 0.2V to 3.5V) of the ST7MC.
Figure 21. Digital PWM ON Sampling Implementation
R5
R3
R1
R10
Three
Phase
Power
Converter
V
U
W
VDC
Motor
MCVREF
MCIA
ST7FMC
6_MCOx
MCIB
MCIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com