Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1946 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1946
Description  SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1946 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1946 Datasheet HTML 19Page - STMicroelectronics AN1946 Datasheet HTML 20Page - STMicroelectronics AN1946 Datasheet HTML 21Page - STMicroelectronics AN1946 Datasheet HTML 22Page - STMicroelectronics AN1946 Datasheet HTML 23Page - STMicroelectronics AN1946 Datasheet HTML 24Page - STMicroelectronics AN1946 Datasheet HTML 25Page - STMicroelectronics AN1946 Datasheet HTML 26Page - STMicroelectronics AN1946 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23/35
AN1946
5.2.2 Sizing of Network of Voltage Reference
The voltage comparator of ST7MC needs a voltage reference corresponding to the potential
of motor phase winding common neutral point and equal to half of DC bus.
This voltage reference corresponds to the network sizing calculation on the motor phase
(2.1V).
Figure 23. Network for Voltage Reference
This voltage reference is built from the power converter DC bus to manage of any variation.
For the main application the DC bus is equal to 325V.
The voltage divider allows the voltage to pass from the DC bus (325V) to the determined
voltage reference (2.1V).
This voltage adaptation is made with R10 & R11 resistors.
R10 = 180K and R11 = 1.2K giving
MCVREF = 2.15V
If we have a stable DC bus, the internal voltage reference of ST7MC can be used and in this
case is set to 2V.
MCVREF
VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com