Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1966 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1966
Description  In most of their applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1966 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1966 Datasheet HTML 5Page - STMicroelectronics AN1966 Datasheet HTML 6Page - STMicroelectronics AN1966 Datasheet HTML 7Page - STMicroelectronics AN1966 Datasheet HTML 8Page - STMicroelectronics AN1966 Datasheet HTML 9Page - STMicroelectronics AN1966 Datasheet HTML 10Page - STMicroelectronics AN1966 Datasheet HTML 11Page - STMicroelectronics AN1966 Datasheet HTML 12Page - STMicroelectronics AN1966 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN1966
Experimental validation example
9/14
Figure 8.
TRIAC turn-on after a 1 kV surge
Figure 9.
TRIAC turn-on and turn-off after a 2 kV surge
Figure 8. shows the overall wave shapes when the circuit in Figure 7. is tested according to
IEC 61000-4-5 standard, with a 1 kV positive surge applied at positive peak line voltage.
This figure shows that the TRIAC is turned on when the surge is applied and remains on
until the load current (IL) returns to zero.Figure 9. shows the same experiment but with a 2
kV surge. Here TRIAC T switches on but immediately switches back off because IL crosses
zero just after the surge. This phenomenon is due to the line voltage oscillations coming
from the L-C resonant circuit of the coupler which is used to apply the surge to the line.
Figure 10. shows all the wave shapes at TRIAC turn-on for 2 kV surge. This figure shows
that the TRIAC voltage VT is limited to 512 V thanks to the BZW04-376B Transil, whereas
the line voltage increases above 800 V. The load current, i.e the Transil current, is quite high
(4 A) during the voltage clamping, due to TRIAC turn-on delay time.
Figure 11. shows the same but for a -2kV surge applied at negative peak mains voltage.
Here the TRIAC turn-on delay is around 600 ns, compared to 100 ns for the positive surge.
This longer delay is due to the fact that as it’s more difficult to turn-on a TRIAC in quadrant
VT
VLINE
IL
VT
VLINE
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com