Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1966 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1966
Description  In most of their applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1966 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1966 Datasheet HTML 6Page - STMicroelectronics AN1966 Datasheet HTML 7Page - STMicroelectronics AN1966 Datasheet HTML 8Page - STMicroelectronics AN1966 Datasheet HTML 9Page - STMicroelectronics AN1966 Datasheet HTML 10Page - STMicroelectronics AN1966 Datasheet HTML 11Page - STMicroelectronics AN1966 Datasheet HTML 12Page - STMicroelectronics AN1966 Datasheet HTML 13Page - STMicroelectronics AN1966 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN1966
12/14
5
Conclusion
A procedure has been given to choose the right Transil for TRIAC protection. The minimum
Transil VBR is easy to define according to the targeted line voltage. To define the maximum
clamping voltage, experimental results are recommended to check the maximum current
which will flows through the Transil. This current is linked to the TRIAC turn-on delay, the line
surge voltage shape and the load impedance. So the current value is difficult to estimate
theoretically and it’s better to perform tests to measure it. It should be noted that the value is
then a typical one and a margin has to be added.
With the proposed protection circuit, the TRIAC voltage can be kept lower than the specified
VDSM and VRSM limits, even in case of voltage surges. The only drawback is that the TRIAC
is turned on as soon as the voltage exceeds the clamping level of the Transil. But this is the
price to pay to avoid any TRIAC damage in case of turn-on in breakover mode. The turn-on
is safe here as it is ensured by a gate current.
It should be noted that the spurious TRIAC turn-on only lasts a half-cycle (10 ms for 50 Hz
operation). It could be accepted for most applications, especially for heating applications
where a 10 ms switch on has no impact on the system behavior, as it could not be detected
by the end user and have no impact on excessive heating or power consumption.
This circuit enables a considerable increase in systems reliability and is mandatory to
implement with TRIACs driving high power resistive loads, where a varistor is not efficient
enough. ST has also introduced ACS and ACST devices, which feature such overvoltage
protection by crowbar. The protection is then directly integrated in the silicon die, and no
other external device, such as Transil and resistor, is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com