Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6325C Datasheet(PDF) 3 Page - NEC

Part # UPD6325C
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6325C Datasheet(HTML) 3 Page - NEC

  UPD6325C Datasheet HTML 1Page - NEC UPD6325C Datasheet HTML 2Page - NEC UPD6325C Datasheet HTML 3Page - NEC UPD6325C Datasheet HTML 4Page - NEC UPD6325C Datasheet HTML 5Page - NEC UPD6325C Datasheet HTML 6Page - NEC UPD6325C Datasheet HTML 7Page - NEC UPD6325C Datasheet HTML 8Page - NEC UPD6325C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µPD6325, µPD6326, µPD6335, µPD6336
PIN CONFIGURATION
Pin No.
Symbol
Pin Name
Function
µPD
µPD
11VCC
Interface Power Supply
2
2
DATA IN
Serial Data Input
4
3
CLOCK
Shift Clock Input
5
4
LOAD
Load Pulse Input
7
6
DATA OUT
Serial Data Output
88
VSS
Ground
–7
DA8
Analog Output Channel 8
Analog Output
–9
DA7
Analog Output Channel 7
Analog Output
–10
DA6
Analog Output Channel 6
Analog Output
–11
DA5
Analog Output Channel 5
Analog Output
12
12
DA4
Analog Output Channel 4
Analog Output
13
13
DA3
Analog Output Channel 3
Analog Output
14
14
DA2
Analog Output Channel 2
Analog Output
15
15
DA1
Analog Output Channel 1
Analog Output
This pin is used to interface with the control IC
(ex. micro processor). Supply the voltage high
level of the control IC.
Control data input terminal. Data is read in syn-
chronization with the clocks input to the CLOCK
terminal.
Data read clock input terminal. The Data input
to the DATA IN terminal is read at the leading
edge of the clock.
This terminal is used to input Load signals after
inputting serial data. 12 bit data is read after
leading edge of a pulse input to the LOAD terminal.
Serial data output terminal. The final stage data
of 12 bit shift register appeares on this terminal
in synchronization with shift clock.
System ground.
D7 the data of the shift register appears on this
terminal. (Only
µPD6325 and µPD6335)
D6 the data of the shift register appears on this
terminal.
Reference Voltage for D/A converters. Analog
output voltage range is GND to VDD.
16
16
VDD
Power Supply
9
–
OPTION2
Expantion Output Port
10
5
OPTION1
Expanttion Output Port
6325
6335
6326
6336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com