Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6325C Datasheet(PDF) 1 Page - NEC

Part # UPD6325C
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6325C Datasheet(HTML) 1 Page - NEC

  UPD6325C Datasheet HTML 1Page - NEC UPD6325C Datasheet HTML 2Page - NEC UPD6325C Datasheet HTML 3Page - NEC UPD6325C Datasheet HTML 4Page - NEC UPD6325C Datasheet HTML 5Page - NEC UPD6325C Datasheet HTML 6Page - NEC UPD6325C Datasheet HTML 7Page - NEC UPD6325C Datasheet HTML 8Page - NEC UPD6325C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1995
DATA SHEET
QUAD/OCTAL 6BIT D/A CONVERTER
CMOS LSI
µPD6325, µPD6326, µPD6335, µPD6336
MOS INTEGRATED CIRCUIT
DESCRIPTION
µPD6325 Serise are 6 bit D/A Converter for control volumn, brightness, contrast, color or tone of TV set.
The data are transferring serially from micro-computer.
µPD6325 Serise Line-up
QUAD D/A
OCTAL D/A
D/A output is consist of Emitter follower buffer
µPD6325C, 6325G
µPD6326C
Non buffer output
µPD6335C, 6335G
µPD6336C
FEATURES
• R-2R ladder D/A
• Serial Data input (DATA IN, CLOCK, LOAD)
• Power supply voltage of interface is 5 V (VCC) and D/A reference voltage is free (VCC to 15 V).
ORDERING INFORMATION
Part No.
Package
µPD6325C
16-pin plastic DIP (300 mil)
µPD6325G
16-pin plastic SOP (300 mil)
µPD6326C
16-pin plastic DIP (300 mil)
µPD6335C
16-pin plastic DIP (300 mil)
µPD6335G
16-pin plastic SOP (300 mil)
µPD6336C
16-pin plastic DIP (300 mil)
PIN CONNECTION DIAGRAM (Top View)
PD6325, PD6335
µ
µ
VDD
16
DA1
15
DA2
14
DA3
13
DA4
12
N.C.
11
OPTION1
10
OPTION2
VCC
DATA IN
N.C.
CLOCK
LOAD
N.C.
DATA OUT
VSS
9
1
2
3
4
5
6
7
8
PD6326, PD6336
µ
µ
VDD
16
DA1
15
DA2
14
DA3
13
DA4
12
DA5
11
DA6
10
DA7
VCC
DATA IN
CLOCK
LOAD
OPTION1
DATA OUT
DA8
VSS
9
1
2
3
4
5
6
7
8
Document No. G10654EJ6V0DS00 (6th edition)
Date Published November 1997 N
Printed in Japan


Similar Part No. - UPD6325C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6325C RENESAS-UPD6325C Datasheet
245Kb / 18P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD6325C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6951 NEC-UPD6951 Datasheet
216Kb / 10P
6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
CMOS LSI(Digital Audio D/A Converter)
logo
Analog Devices
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV.A
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
Octal 8-Bit CMOS D/A Converter
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
CMOS Octal 8-Bit D/A Converter
1989
logo
Analog Devices
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
Octal 8 Bit CMOS D/A Converter
REV. A
AD876 AD-AD876_17 Datasheet
370Kb / 17P
CMOS A/D Converter
Rev. B
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
CMOS A/D Converter
REV. E
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
CMOS A/D Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com