Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2048 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2048
Description  STMicroelectronics has been strongly
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2048 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2048 Datasheet HTML 5Page - STMicroelectronics AN2048 Datasheet HTML 6Page - STMicroelectronics AN2048 Datasheet HTML 7Page - STMicroelectronics AN2048 Datasheet HTML 8Page - STMicroelectronics AN2048 Datasheet HTML 9Page - STMicroelectronics AN2048 Datasheet HTML 10Page - STMicroelectronics AN2048 Datasheet HTML 11Page - STMicroelectronics AN2048 Datasheet HTML 12Page - STMicroelectronics AN2048 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Characterization results
AN2048
12/13
7
Characterization results
As we can see from Figure 9, 10 and 11, we can achieve a minimum gain of 12 dB with an
input return loss better than 5 dB and a drain efficiency between 55% and 65% over the
frequency band 445
÷ 475 MHz.
Even so the output power can be controlled through Vgs, a minimum of 15 dB dynamic
range can be achieved by varying Vdd (Figure 13). This allows better control of the
transmitted power out and may extend the transmission range capability to more than 3
miles (depending on environment) as requested in some commercial products.
8
Feature characteristics
Other optional functions in which this application may be used are:
●
Equipment monitoring
●
CO/Methane/Fire detection
●
Security/Alarm services
●
Data logging
●
All VHF and UHF PMR portables
9
References
1.
"RF power amplifiers for wireless communications", Artech House
2.
"RF transistors meet wireless challenges" - Technical Editor - EDN magazine pag. 53 -
61, May 3, 2001 - www.ednmag.com.
3.
"PowerSO-10RF - The first true RF power SMD Package" - Application Note 1294 -
STMicroelectronics.
4.
"Understanding LDMOS device fundamentals" Application Note 1226 -
STMicroelectronics.
10
Revision history
Table 4.
Document revision history
Date
Revision
Changes
14-Oct-2004
1
Initial release
06-Feb-2008
2
Document reformatted no content change
PD54008L replaced by PD54008L-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com