Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2048 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2048
Description  STMicroelectronics has been strongly
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2048 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2048 Datasheet HTML 1Page - STMicroelectronics AN2048 Datasheet HTML 2Page - STMicroelectronics AN2048 Datasheet HTML 3Page - STMicroelectronics AN2048 Datasheet HTML 4Page - STMicroelectronics AN2048 Datasheet HTML 5Page - STMicroelectronics AN2048 Datasheet HTML 6Page - STMicroelectronics AN2048 Datasheet HTML 7Page - STMicroelectronics AN2048 Datasheet HTML 8Page - STMicroelectronics AN2048 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2048
Circuit design and considerations
5/13
3
Circuit design and considerations
The PD54008L-E is an 8 W - 7 V LDMOS housed in a PowerFLAT plastic package (5x5
mm).
Being an internally unmatched device, the PD54008L-E can be used in different portable
applications over HF, VHF & UHF frequency bands.
Table 1 shows the source and load impedances of the PD54008L-E at 500 MHz.
Figure 4.
Source and load impedances of PD54008L-E
The above impedances are taken as a starting point to design the input and output matching
networks of the PD54008L-E amplifier. Microstrip lines and lumped elements are used.
3.1
Amplifier construction
The PCB is made of double-sided copper-clad fiberglass (THK 0.020") with the lowest
dielectric constant (
εr = 2.17) and dissipation factor available. The printed circuit board is
glued to copper for dissipation purposes.
Figure 5.
Device footprint
Table 1.
Source and load impedances of PD54008L-E at 500 MHz
F (MHz)
Z1 (
Ω)Z2 (Ω)
500
0.3+j2.0
1.8+j0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com