Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G04 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74ALVC2G04
Description  Triple Inverter Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G04 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74ALVC2G04_15 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74ALVC2G04
Rev.2.00, Dec.17.2003, page 4 of 9
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.2
3.6
V
Input voltage range
VI
03.6
V
Output voltage range
VO
0VCC
V
−2VCC = 1.2 V
−4VCC = 1.4 V
−6VCC = 1.65 V
−18
VCC = 2.3 V
IOH
−24
VCC = 3.0 V
2VCC = 1.2 V
4VCC = 1.4 V
6VCC = 1.65 V
18
VCC = 2.3 V
Output current
IOL
24
mA
VCC = 3.0 V
020
VCC = 1.2 to 2.7 V
Input transition rise or fall rate
∆t / ∆v
010
ns / V
VCC = 3.3
±0.3 V
Operating free-air temperature
Ta
−40
85
°C
Note:
Unused or floating inputs must be held high or low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com