Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G04 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74ALVC2G04
Description  Triple Inverter Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G04 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74ALVC2G04_15 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 11Page - Renesas Technology Corp HD74ALVC2G04_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74ALVC2G04
Rev.2.00, Dec.17.2003, page 8 of 9
Waveforms
Input
90%
10%
10%
VIH
GND
VOH
VOL
tr
Vref
Vref
tf
90%
tPHL
tPLH
Output
Vref
Vref
Vref
VIH
V
CC
V
CC
t / t
2.0 ns
2.5 ns
2.5 ns
rf
2.7 V
50%
50%
1.5 V
V
= 2.5
±0.2 V
CC
V
= 1.2 V,
1.5
±0.1 V,
1.8
±0.15 V
CC
V
= 3.3
±0.3 V
CC
Symbol
Note: Input waveform : PRR = 10 MHz, duty cycle 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com