Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6461 Datasheet(PDF) 39 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 39 Page - NEC

Back Button UPD6461 Datasheet HTML 35Page - NEC UPD6461 Datasheet HTML 36Page - NEC UPD6461 Datasheet HTML 37Page - NEC UPD6461 Datasheet HTML 38Page - NEC UPD6461 Datasheet HTML 39Page - NEC UPD6461 Datasheet HTML 40Page - NEC UPD6461 Datasheet HTML 41Page - NEC UPD6461 Datasheet HTML 42Page - NEC UPD6461 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
µPD6461, 6462
4.4 CONTINUOUS INPUT OF COMMAND
Transfer each of the 1-byte, 2-byte, and 2-byte successive commands from a microcontroller to the
µPD6461, 6462
as follows.
To transfer a 1-byte or 2-byte command, or a 2-byte successive command with blinking data changed after a 2-
byte successive command has been transferred, either make CS high once, or transfer 2-byte successive command
end code (FFH:
µPD6461/7FH: µPD6462) at the end of the 2-byte successive command. In the latter case, it is not
necessary to make CS high.
4.4.1 When End Code is Not Used
Example 1-byte command
→ 2-byte successive command → 1-byte command
DATA
CLK
CS
Make CS low once and then back high again.
2nd byte
(D0-D7)
MSB first (LSB first)
2nd byte
(D8-D15)
00H-FEH ( PD6461)
00H-7EH ( PD6462)
(normal character)
2-byte successive
command
1st byte
(D0-D7)
1-byte command
(D0-D7)
(D8-D15)
00H-FEH ( PD6461)
00H-7EH ( PD6462)
(normal character)
D7-D0
D7-D0
D15-D8
D7-D0
D7-D0
1-byte command
µ
µ
µ
µ
4.4.2 When End Code is Used
Example 1-byte command
→ 2-byte successive command → 1-byte command
DATA
CLK
CS
1-byte command
2nd byte
(D0-D7)
MSB first (LSB first)
2nd byte
(D8-D15)
00H-FEH ( PD6461)
00H-7EH ( PD6462)
(normal character)
2-byte successive
command
1st byte
(D0-D7)
1-byte command
(D0-D7)
(D8-D15)
FFH ( PD6461)/
7FH ( PD6462)
(2-byte successive
command end code)
D7-D0
D7-D0
D15-D8
D7-D0
D7-D0
It is not necessary to make CS low and then back high again.
µ
µ
µ
µ
Remark By using the 2-byte successive command end code, the CS pin may remain low. However, it is
recommended to make CS pin high to improve the noise immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com