Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6461 Datasheet(PDF) 21 Page - NEC

Part # UPD6461
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461 Datasheet(HTML) 21 Page - NEC

Back Button UPD6461 Datasheet HTML 17Page - NEC UPD6461 Datasheet HTML 18Page - NEC UPD6461 Datasheet HTML 19Page - NEC UPD6461 Datasheet HTML 20Page - NEC UPD6461 Datasheet HTML 21Page - NEC UPD6461 Datasheet HTML 22Page - NEC UPD6461 Datasheet HTML 23Page - NEC UPD6461 Datasheet HTML 24Page - NEC UPD6461 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21
µPD6461, 6462
2.3 POWER-ON CLEAR FUNCTION
The internal state of the IC is unstable immediately after the power is turned on. It is therefore necessary to keep the
PCL pin low for the time shown below to allow the system to initialize. This power-on clear places the system in the following
state:
•
Test mode is not specified.
•
All character data in video RAM (12 rows
× 24 columns) is cleared (to display-off data (FEH:
µPD6461/7EH: µPD6462)) and
blinking is turned off.
•
The video RAM write address is (row 0, column 0).
•
The character size is single (minimum) for all rows.
•
The output distribution format is set to the default (the VC1 and VC2 bits are set to 0).
•
Display is turned off and LC oscillation is turned on.
The time required for power-on clear is calculated as follows. No commands must be input during this time.
Time required for power-on clear = tPCLLNote + {Time required for clearing video RAM}
= 10(
µs) + {10(µs) + 12/fOSC(MHz) × 288}
fOSC(MHz) : LC oscillation frequency or external clock frequency
Note Refer to POWER-ON CLEAR SPECIFICATIONS in 6. ELECTRICAL CHARACTERISTICS.
A dot clock input (to the OSCIN pin) is necessary to clear video RAM. Input a dot clock when an external clock input is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com