Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98121 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 98121
Description  12VDC Sealed, Maintenance-Free Battery for All Inverter/Chargers, 12VDC Battery Connections
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

98121 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  98121 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 98121 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12VDC Sealed, Maintenance-Free Battery for All
Inverter/Chargers, 12VDC Battery Connections
MODEL NUMBER: 98-121
Description
Tripp Lite's 98-121 12V DC battery is for use with all PowerVerter models which accept 12V DC input. The sealed, maintenance-free battery can be used with
an optional case (model # BP260), available separately through Tripp Lite, which can hold two 98-121 batteries.
Features
Tripp Lite's 98-121 12V DC battery is for use with all PowerVerter models which accept 12V DC input
The sealed, maintenance-free battery can be used with an optional case (model # BP260), available separately through Tripp Lite, which can hold two
98-121 batteries.
Specifications
INPUT
Voltage Compatibility (VDC)
12
BATTERY
DC System Voltage (VDC)
12
PHYSICAL
Unit Dimensions (hwd / in.)
6.82 x 10.27 x 6.65
Unit Dimensions (hwd / cm)
17.4 x 26.1 x 16.9
Unit Weight (lbs.)
58
Unit Weight (kg)
26
Highlights
12V DC
75 Amp-Hour
Sealed, Maintenance-Free
Applications
For use with PowerVerter or APS
models which accept 12V DC
battery connection
Package Includes
98-121 12V DC battery
1 / 2


Similar Part No. - 98121

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
9812 JOHANSON-9812 Datasheet
213Kb / 2P
RF amplifier
logo
Belden Inc.
9812 BELDEN-9812 Datasheet
208Kb / 2P
RS232/422 Low Cap, #28-12pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
01-20-2023
logo
Knowles Electronics
9812 KNOWLES-9812 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Time Electronics Ltd.
9812 TIME-ELECTRONICS-9812 Datasheet
594Kb / 2P
PROGRAMMABLE SWITCH 9812
logo
List of Unclassifed Man...
9812-03-00 ETC-9812-03-00 Datasheet
96Kb / 2P
Surface Mount Reed Relays
More results

Similar Description - 98121

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EP33-12 BB-BATTERY-EP33-12 Datasheet
363Kb / 2P
Maintenance-Free Rechargeable Sealed Lead-Acid Battery
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
Power Management ICs for Battery Chargers
logo
List of Unclassifed Man...
98-121 ETC2-98-121 Datasheet
481Kb / 3P
12V DC Sealed, Maintenance-Free Battery for All Inverter/Chargers that Accept 12V DC Battery Connections
logo
OptoSupply Internationa...
OSBBXX OPTOSUPPLY-OSBBXX Datasheet
104Kb / 3P
Voltages available 12VDC
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
B. B. Battery Co., Ltd.
BP6.5-12RT BB-BATTERY-BP6.5-12RT Datasheet
1Mb / 2P
Maintenance-Free Rechargeable Sealed Lead-Acid Battery
logo
Diodes Incorporated
AL8807EV4 DIODES-AL8807EV4 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Tripp Lite. All Rights ...
RBC62-1U TRIPPLITE-RBC62-1U Datasheet
156Kb / 2P
1U UPS Replacement 12VDC Battery Cartridge for select Tripp Lite SmartPro UPS
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
Chemistry-Independent Battery Chargers
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com