Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4076 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology LTC4076 Datasheet HTML 10Page - Linear Technology LTC4076 Datasheet HTML 11Page - Linear Technology LTC4076 Datasheet HTML 12Page - Linear Technology LTC4076 Datasheet HTML 13Page - Linear Technology LTC4076 Datasheet HTML 14Page - Linear Technology LTC4076 Datasheet HTML 15Page - Linear Technology LTC4076 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4076
13
4076fa
Power Dissipation
When designing the battery charger circuit, it is not neces-
sary to design for worst-case power dissipation scenarios
because the LTC4076 automatically reduces the charge
current during high power conditions. The conditions
that cause the LTC4076 to reduce charge current through
thermal feedback can be approximated by considering the
power dissipated in the IC. Most of the power dissipation
is generated from the internal MOSFET pass device. Thus,
the power dissipation is calculated to be:
PD = (VIN – VBAT) • IBAT
PD is the power dissipated, VIN is the input supply volt-
age (either DCIN or USBIN), VBAT is the battery voltage
and IBAT is the charge current. The approximate ambient
temperature at which the thermal feedback begins to
protect the IC is:
TA = 105°C – PD • θJA
TA = 105°C – (VIN – VBAT) • IBAT • θJA
Example:AnLTC4076operatingfroma5Vwalladapter(on
theDCINinput)isprogrammedtosupply800mAfull-scale
currenttoadischargedLi-Ionbatterywithavoltageof3.3V.
Assuming θJA is 40°C/W (see Thermal Considerations),
the ambient temperature at which the LTC4076 will begin
to reduce the charge current is approximately:
TA = 105°C – (5V – 3.3V) • (800mA) • 40°C/W
TA = 105°C – 1.36W • 40°C/W = 105°C – 54.4°C
TA = 50.6°C
The LTC4076 can be used above 50.6°C ambient, but
the charge current will be reduced from 800mA. The ap-
proximate current at a given ambient temperature can be
approximated by:
I
C T
V
V
BAT
A
IN
BAT
JA
=
°
105 –
(
–
•
) θ
Using the previous example with an ambient temperature
of 60°C, the charge current will be reduced to approxi-
mately:
I
C
C
V
V
C W
C
C A
I
mA
BAT
BAT
=
°
°
°
=
°
°
=
105
60
5
3 3
40
45
68
662
–
( – . )•
/
/
It is important to remember that LTC4076 applications do
notneedtobedesignedforworst-casethermalconditions,
since the IC will automatically reduce power dissipation
when the junction temperature reaches approximately
105°C.
Thermal Considerations
In order to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on the
backside of the LTC4076 package is properly soldered
to the PC board ground. When correctly soldered to a
2500mm2 double sided 1oz copper board, the LTC4076
has a thermal resistance of approximately 40°C/W. Failure
to make thermal contact between the exposed pad on the
backside of the package and the copper board will result in
thermalresistancesfargreaterthan40°C/W.Asanexample,
a correctly soldered LTC4076 can deliver over 800mA to
a battery from a 5V supply at room temperature. Without
a good backside thermal connection, this number would
drop to much less than 500mA.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com