Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4076 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 2 Page - Linear Technology

  LTC4076 Datasheet HTML 1Page - Linear Technology LTC4076 Datasheet HTML 2Page - Linear Technology LTC4076 Datasheet HTML 3Page - Linear Technology LTC4076 Datasheet HTML 4Page - Linear Technology LTC4076 Datasheet HTML 5Page - Linear Technology LTC4076 Datasheet HTML 6Page - Linear Technology LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4076
2
4076fa
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
11
4
5
3
2
1
DCIN
BAT
IDC
HPWR
EN
USBIN
IUSB
ITERM
PWR
CHRG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN
Supply Voltage
●
4.3
8
V
VUSBIN
Supply Voltage
●
4.3
8
V
IDCIN
DCIN Supply Current
Charge Mode (Note 4), RIDC = 10k
●
250
800
µA
Standby Mode; Charge Terminated
●
50
100
µA
Shutdown Mode (EN = 5V)
20
40
µA
IUSBIN
USBIN Supply Current
Charge Mode (Note 5), RIUSB = 10k, VDCIN = 0V ●
250
800
µA
Standby Mode; Charge Terminated, VDCIN = 0V
●
50
100
µA
Shutdown (VDCIN = 0V, EN = 5V)
18
36
µA
VDCIN > VUSBIN
10
20
µA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 1mA (Note 7)
4.175
4.2
4.225
V
IBAT = 1mA, 0°C < TA < 85°C, 4.3V < VCC < 8V
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RIDC = 1.25k, Constant-Current Mode
●
760
800
840
mA
RIUSB = 2.1k, Constant-Current Mode
●
450
476
500
mA
RIUSB = 2.1k, HPWR = 0V
●
84
95
105
mA
RIDC = 10k or RIUSB = 10k
●
92
100
108
mA
Standby Mode, Charge Terminated
–3
–6
µA
Shutdown Mode (Charger Disabled)
–1
–2
µA
Sleep Mode (VDCIN = 0V, VUSBIN = 0V)
±1
±2
µA
VIDC
IDC Pin Regulated Voltage
Constant-Current Mode
0.95
1
1.05
V
VIUSB
IUSB Pin Regulated Voltage
Constant-Current Mode
0.95
1
1.05
V
ITERMINATE
Charge Current Termination Threshold
RITERM = 1k
●
90
100
110
mA
RITERM = 2k
●
45
50
55
mA
RITERM = 10k
●
8
10
12
mA
RITERM = 20k
●
3.5
5
6.5
mA
Input Supply Voltage (DCIN, USBIN) .........–0.3V to 10V
EN, CHRG, PWR, HPWR ............................–0.3V to 10V
BAT, IDC, IUSB, ITERM ................................–0.3V to 7V
DCIN Pin Current (Note 6) ..........................................1A
USBIN Pin Current (Note 6) .................................700mA
BAT Pin Current (Note 6) ............................................1A
BAT Short-Circuit Duration............................Continuous
Maximum Junction Temperature ..........................125
°C
Operating Temperature Range (Note 2) .. –40
°C to 85°C
Storage Temperature Range.................. –65
°C to 125°C
ORDER PART NUMBER
DD PART MARKING
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4076EDD
(Notes 1, 7)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, HPWR = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
ABSOLUTE AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
LBWC
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com