Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4077 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4077
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4077 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4077 Datasheet HTML 8Page - Linear Technology LTC4077 Datasheet HTML 9Page - Linear Technology LTC4077 Datasheet HTML 10Page - Linear Technology LTC4077 Datasheet HTML 11Page - Linear Technology LTC4077 Datasheet HTML 12Page - Linear Technology LTC4077 Datasheet HTML 13Page - Linear Technology LTC4077 Datasheet HTML 14Page - Linear Technology LTC4077 Datasheet HTML 15Page - Linear Technology LTC4077 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4077
14
4077fa
Figure 4. Low Loss Input Reverse Polarity Protection
WALL
ADAPTER
DCIN
LTC4077
DRAIN-BULK
DIODE OF FET
4077 F04
Thermal Considerations
In order to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on the
backside of the LTC4077 package is properly soldered
to the PC board ground. When correctly soldered to a
2500mm2 double sided 1oz copper board, the LTC4077
has a thermal resistance of approximately 40°C/W. Failure
to make thermal contact between the exposed pad on the
backside of the package and the copper board will result in
thermalresistancesfargreaterthan40°C/W.Asanexample,
a correctly soldered LTC4077 can deliver over 800mA to
a battery from a 5V supply at room temperature. Without
a good backside thermal connection, this number would
drop to much less than 500mA.
Protecting the USB Pin and Wall Adapter Input from
Overvoltage Transients
Caution must be exercised when using ceramic capacitors
to bypass the USBIN pin or the wall adapter inputs. High
voltage transients can be generated when the USB or wall
adapter is hot plugged. When power is supplied via the
USB bus or wall adapter, the cable inductance along with
the self resonant and high Q characteristics of ceramic
capacitors can cause substantial ringing which could
exceed the maximum voltage ratings and damage the
LTC4077. Refer to Linear Technology Application Note 88,
entitled “Ceramic Input Capacitors Can Cause Overvoltage
Transients” for a detailed discussion of this problem.
Always use an oscilloscope to check the voltage wave-
forms at the USBIN and DCIN pins during USB and wall
adapter hot-plug events to ensure that overvoltage
transients have been adequately removed.
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity
voltage on the input supply pins is desired. If the sup-
ply voltage is high enough, a series blocking diode can
be used. In other cases where the voltage drop must be
kept low, a P-channel MOSFET can be used (as shown in
Figure 4).
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com