Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4077 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4077
Description  Dual Input Standalone Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4077 Datasheet(HTML) 2 Page - Linear Technology

  LTC4077 Datasheet HTML 1Page - Linear Technology LTC4077 Datasheet HTML 2Page - Linear Technology LTC4077 Datasheet HTML 3Page - Linear Technology LTC4077 Datasheet HTML 4Page - Linear Technology LTC4077 Datasheet HTML 5Page - Linear Technology LTC4077 Datasheet HTML 6Page - Linear Technology LTC4077 Datasheet HTML 7Page - Linear Technology LTC4077 Datasheet HTML 8Page - Linear Technology LTC4077 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4077
2
4077fa
TOP VIEW
DD PACKAGE
10-LEAD (3mm 3mm) PLASTIC DFN
10
9
6
7
8
11
4
5
3
2
1
DCIN
BAT
IDC
HPWR
EN
USBIN
IUSB
IUSBL
PWR
CHRG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN
Supply Voltage
●
4.3
8
V
VUSBIN
Supply Voltage
●
4.3
8
V
IDCIN
DCIN Supply Current
Charge Mode (Note 4), RIDC = 10k
●
150
700
µA
Standby Mode; Charge Terminated
●
50
100
µA
Shutdown Mode (EN = 5V)
20
40
µA
IUSBIN
USBIN Supply Current
Charge Mode (Note 5), RIUSB = RIUSBL = 10k,
VDCIN = 0V
●
150
700
µA
Standby Mode; Charge Terminated, VDCIN = 0V
●
50
100
µA
Shutdown (VDCIN = 0V, EN = 5V)
18
36
µA
VDCIN > VUSBIN
10
20
µA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 1mA (Note 9)
4.175
4.2
4.225
V
IBAT = 1mA, 0°C < TA < 85°C, 4.3V < VCC < 8V
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RIDC = 1.25k, Constant-Current Mode
●
760
800
840
mA
RIUSB = 2.1k, Constant-Current Mode
●
450
476
500
mA
RIDC = 10k or RIUSB = 10k
●
92
100
108
mA
RIUSBL = 4k, HPWR = 0
●
44
50
56
mA
Standby Mode, Charge Terminated
–3
–6
µA
Shutdown Mode (Charger Disabled)
–1
–2
µA
Sleep Mode (VDCIN = 0V, VUSBIN = 0V)
±1
±2
µA
VIDC
IDC Pin Regulated Voltage
Constant-Current Mode
0.95
1
1.05
V
VIUSB
IUSB Pin Regulated Voltage
Constant-Current Mode
0.95
1
1.05
V
VIUSBL
IUSBL Pin Regulated Voltage
Constant-Current Mode
0.18
0.2
0.22
V
IC/IO
Charge Current Termination Threshold
VDCIN = 5V, RIDC = 1.25k (Note 7)
●
0.09
0.1
0.11
mA/mA
VUSBIN = 5V, VDCIN = 0V
●
0.09
0.1
0.11
mA/mA
Input Supply Voltage (DCIN, USBIN) .........–0.3V to 10V
EN, CHRG, PWR, HPWR ............................–0.3V to 10V
BAT, IDC, IUSB, IUSBL.................................–0.3V to 7V
DCIN Pin Current (Note 6) ..........................................1A
USBIN Pin Current (Note 6) .................................700mA
BAT Pin Current (Note 6) ............................................1A
BAT Short-Circuit Duration............................Continuous
Maximum Junction Temperature ..........................125
°C
Operating Temperature Range (Note 2) .. –40
°C to 85°C
Storage Temperature Range.................. –65
°C to 125°C
ORDER PART NUMBER
DD PART MARKING
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4077EDD
(Notes 1, 9)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, HPWR = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
ABSOLUTE AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
LBWD
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com