Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6461GS Datasheet(PDF) 8 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 8 Page - NEC

Back Button UPD6461GS Datasheet HTML 4Page - NEC UPD6461GS Datasheet HTML 5Page - NEC UPD6461GS Datasheet HTML 6Page - NEC UPD6461GS Datasheet HTML 7Page - NEC UPD6461GS Datasheet HTML 8Page - NEC UPD6461GS Datasheet HTML 9Page - NEC UPD6461GS Datasheet HTML 10Page - NEC UPD6461GS Datasheet HTML 11Page - NEC UPD6461GS Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
µPD6461, 6462
1. MASK CODE OPTIONS
1.1 MASK CODE OPTIONS
The
µPD6461, µPD6462 provide mask options for selecting the following items:
(1)
Data transfer
Select the command transfer format.
(2)
Vertical display start position
Select the units used for specifying the vertical display start position of the character display area. In three-line units,
the vertical display start position can be set more finely than in nine-line units.
(3)
Pin selection
Select the pins used to output character signals. In RGB+VC1+VC2 mode, character signals are output from the VR,
VG, VB, VBLK, VC1, BLK1, VC2, and BLK2 pins. In RGB+3BLK mode, character signals are output from the VR, VG, VB,
RBLK, GBLK, BBLK, VC1, and BLK1 pins.
When displaying colored characters in a color viewfinder, select RGB+VC1+VC2 mode. When assigning a separate
character signal for each color, select RGB+3BLK mode.
(4)
Output distribution format
Select the format to be used to distribute character signals to the VC1 and VC2 channels when RGB+VC1+VC2 mode
is selected. (When RGB+3BLK mode is selected, select option A as the output distribution format. Options B and C
are invalid.)
When an on-screen IC is used in a camcorder, some information is displayed in the viewfinder and recorded onto
video tape (such as a date and title). Other information, however, need only be displayed in the viewfinder (battery
or focus alarm and tape count). The
µPD6461, 6462 can distribute such information to different output channels in
units of rows or half rows. You can select option A, option B, and option C as the output distribution format (only when
RGB+VC1+VC2 mode is selected).
(5)
Dot clock
Select the dot clock to be used to display characters. When an external clock input is selected, refer to EXTERNAL
CLOCK INPUT in 6. ELECTRICAL CHARACTERISTICS.
(1)
(2)
(3)
(4)
(5)
Data transfer
Vertical display start position
Pin selection
Output distribution format
Dot clock
LSB first
Specified in three-line units
RGB+VC1+VC2
Option A
LC oscillation
MSB first
Specified in nine-line units
RGB+3BLK
Option C
External clock input
Option B
Item
Selections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com