Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6461GS Datasheet(PDF) 1 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 1 Page - NEC

  UPD6461GS Datasheet HTML 1Page - NEC UPD6461GS Datasheet HTML 2Page - NEC UPD6461GS Datasheet HTML 3Page - NEC UPD6461GS Datasheet HTML 4Page - NEC UPD6461GS Datasheet HTML 5Page - NEC UPD6461GS Datasheet HTML 6Page - NEC UPD6461GS Datasheet HTML 7Page - NEC UPD6461GS Datasheet HTML 8Page - NEC UPD6461GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
©
1998
DATA SHEET
The mark
shows major revised points.
MOS INTEGRATED CIRCUIT
µPD6461, 6462
The
µPD6461, 6462 are CMOS LSI chips designed to provide on-screen character display for camcorders. When
combined with a microcontroller, the
µPD6461, 6462 control the display of the characters displayed in the viewfinder (count,
time, date, etc.) and the recording of characters onto video tape (time, date, etc.).
Each character is created using 12 (width)
× 18 (height) dots. Kanji characters and graphic symbols can also be displayed
by using two or more characters. The
µPD6461, 6462 are compatible with color viewfinders and can output character signals
to three channels, the RGB channel for the color viewfinder and the VC1 and VC2 channels for the recording system and
monitor terminal.
The
µPD6461, 6462 also have a power-on clear function and video RAM batch clear command, enabling the number
of operations assigned to the microcontroller to be reduced.
FEATURES
• Maximum number of characters: 12 rows
× 24 columns (288 characters)
• Number of character patterns : 256 (
µPD6461)/128 (µPD6462) (stored in ROM). Each pattern can be changed by
specifying a mask code option.
• Character size
: One dot per line or one dot per two lines (field)
• Number of character colors
: 8
• Background
: No background, minimum background, or overall background can be selected for the
entire screen, together with rimming ON/OFF function. Any one of 8 different colors
is selectable as the background color and together with the rim color (black or white)
selectable per screen.
• Dot matrix
: Each character consists of 12 (width)
× 18 (height) dots. There is no gap between
adjacent characters.
• Blinking
: Blinking can be turned on/off for each character. The blinking ratio is 1:1. The blinking
frequency can be selected from approx. 1 Hz, 2 Hz, and 0.5 Hz for the entire screen.
• Reversed characters
: Specified characters can be displayed in reverse video.
• Character signal output
: Character signals can be output to three channels. Output mode (1) (RGB + BLK, VC1
+ VBLK1, and VC2 + VBLK2) or output mode (2) (R + RBLK, B + BBLK, and G + GBLK) can
be selected by specifying a mask option. For output mode 1, three output formats are
available for the VC1 and VC2 channels (options A, B, and C).
• Clearing of video RAM
: Video RAM batch clear command and power-on clear function
• Interface with a microcontroller : 8-bit serial input supporting variable word length (LSB first or MSB first can be selected
by specifying a mask option.)
• Supply voltage
: Low-voltage operation possible (supply voltage range: 2.7 to 5.5 V)
CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY
(12 ROWS
× 24 COLUMNS)
The information in this document is subject to change without notice.
Document No. S13320EJ1V1DS00 (1st edition)
Date Published November 1998 N CP(K)
Printed in Japan


Similar Part No. - UPD6461GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6461GS-XXX RENESAS-UPD6461GS-XXX Datasheet
605Kb / 62P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD6461GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6450 NEC-UPD6450 Datasheet
1Mb / 31P
12LINE x 24 COLUMN ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR VTR
UPD6464A NEC-UPD6464A Datasheet
570Kb / 52P
ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
UPD6466 NEC-UPD6466 Datasheet
494Kb / 70P
ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
On-Screen Display LSI?
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
Camcorder On-Screen Display LSI
logo
NEC
UPD6453 NEC-UPD6453 Datasheet
6Mb / 42P
MOS INTEGRATED CIRCUIT CMOS LSI FOR 12 lines X 24 columns CHARACTER DISPLAY ON SCREEN
UPD6451A NEC-UPD6451A Datasheet
2Mb / 40P
MOS INTEGRATED CIRCUIT CMOS LSI FOR 12lines X 24 columns CHARACTER DISPLAY ON SCREEN
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
On-Screen Display LSI
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com