Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6464A Datasheet (PDF) - NEC

UPD6464A Datasheet PDF - NEC
Part # UPD6464A
Download  UPD6464A Download
File Size   570.61 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR

UPD6464A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6464A Datasheet PDF - NEC

Part # UPD6464A
Download  UPD6464A Click to download

File Size   570.61 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR

UPD6464A Datasheet (HTML) - NEC


UPD6464A Product details

The µPD6464A,6465 are CMOS LSIs for on-screen character display that control various display systems (such as tape counters) including the program screens of deck-type VCRs and LD players. These LSIs are used in combination with a microcomputer. It can display characters each consisting of 12 (horizontal) by 18 (vertical) dots. Some chinese characters and some pictograms can also be displayed by combining two or more characters. The µPD6464A,6465 include a power-ON clear function and a video RAM batch clear command that mitigate the workload of the host microcomputer. It also has a synchronization separator and a ×4 multiplier on chip, eliminating the need of connecting an external separator IC and a crystal resonator, which reduces the mounting area and the total cost.



FEATURES

• Video signal input/output : Composite video signal

• Number of display characters : 12 lines, 24 columns (288 characters)

• Number of character types : 128 (µPD6464A)/256 (µPD6465) (ROM). Variable by mask code option.

• Character size : 1 dot/1 line. 2 lines (field) can be displayed in line units.

• Character color : White (single color)

• Background : No background, black framing, black-on-white, and black filling

• Dot matrix : 12 (horizontal) × 18 (vertical) dots without gap between adjacent characters

• Blinking : Blinking can be turned ON/OFF in character units. Blinking ratio is 1:1.

                Blinking frequency is selectable from about 0.5 Hz, 1 Hz, and 2 Hz in screenunits.

• Character signal output: : Can support VCRs with S pins if external mixer is connected because character signal and blanking signal output pins are provided.

• Video RAM data clear : Video RAM data are cleared by video RAM clear command and power-ON clear function.

• Supported video signal method : NTSC/PAL/PAL-M/SECAM/PAL-N (µPD6464A only)

• Internal circuit : Synchronization separation circuit for composite synchronizing signal and ×4 multiplier

• Interface with microcomputer : Serial input type of 8-bit variable word length

• Supply voltage : +5 V, single power supply




Similar Part No. - UPD6464A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6464A RENESAS-UPD6464A Datasheet
580Kb / 54P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD6464A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6450 NEC-UPD6450 Datasheet
1Mb / 31P
12LINE x 24 COLUMN ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR VTR
UPD6461 NEC-UPD6461 Datasheet
411Kb / 60P
CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
UPD6466 NEC-UPD6466 Datasheet
494Kb / 70P
ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
UPD6467 NEC-UPD6467 Datasheet
609Kb / 68P
ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
On-Screen Display LSI
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
On-screen Display Controller LSI for VCR Products???
LC74783 SANYO-LC74783 Datasheet
338Kb / 15P
On-screen Display Controller LSI for VCR Products????
LC74784 SANYO-LC74784 Datasheet
336Kb / 15P
On-screen Display Controller LSI for VCR Products????
logo
NEC
UPD6453 NEC-UPD6453 Datasheet
6Mb / 42P
MOS INTEGRATED CIRCUIT CMOS LSI FOR 12 lines X 24 columns CHARACTER DISPLAY ON SCREEN
UPD6451A NEC-UPD6451A Datasheet
2Mb / 40P
MOS INTEGRATED CIRCUIT CMOS LSI FOR 12lines X 24 columns CHARACTER DISPLAY ON SCREEN
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com