Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6467 Datasheet (PDF) - NEC

UPD6467 Datasheet PDF - NEC
Part # UPD6467
Download  UPD6467 Download
File Size   609.65 Kbytes
Page   68 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR

UPD6467 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6467 Datasheet PDF - NEC

Part # UPD6467
Download  UPD6467 Click to download

File Size   609.65 Kbytes
Page   68 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR

UPD6467 Datasheet (HTML) - NEC


UPD6467 Product details

ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER,12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR



The µPD6467 is a CMOS LSI for on-screen character display, and can be used in combination with a microcomputer to display the tape counter, time, and date in the view finder of a video camera, or the time of a video tape, messages such as dates on pictures, and channel number on a TV screen. Characters are displayed in 12 (horizontal) by 18 (vertical) dots. Two or more characters can be combined to display Kanji (Japanese characters) and symbols. This LSI supports color view finders and is provided with three sets of character output signals (RGB output: for color view finder, VC1output: for recording (or monitor pin), VC2output: for monitor pin (or recording)).



FEATURES

• Number of display characters : 12 rows, 28 columns (336 characters)

• Types of character : 512 types (ROM). Changeable by using mask code option.

• Character size : Can be expanded up to four-fold in vertical and horizontal directions

independently, in units of lines.

• Number of character colors : 8 colors

• Framing : Framing or no framing, or white or black framing selectable in screen units.

• Dot matrix : 12 (horizontal) ×18 (vertical) dot configuration. No gap between adjacent characters.

• Blinking : Blinking can be turned ON/OFF in character units. The blinking ratio is 1:1. The blinking frequency can be selected from about 1 Hz, about 2 Hz, and about 0.5 Hz in screen unit.

• Character color reversing function : The color of the character and that of the background can be reversed.

• Character left and right reverse : Left and right can be reversed for display in character units.

• Background : No background, blank background, or filled background selectable in screen units.

• Blue back function : Blue or white can be selected as the background.

• External dot clock input : Frequency 2-divide function is selectable.

• Signal output : 3 sets (output (1) R, G, B + BLK/VC1+ VBLK1/VC2+ VBLK2and output (2) R +

RBLK/B + BBLK/G + GBLKselectable by command) When output (1) is selected, VC1and VC2outputs can be selected from three types.

• Video RAM data clear : Implemented by video RAM batch clear command or by clear function on power-ON.




Similar Part No. - UPD6467

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6467 RENESAS-UPD6467 Datasheet
675Kb / 70P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD6467

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
NEC
UPD6450 NEC-UPD6450 Datasheet
1Mb / 31P
12LINE x 24 COLUMN ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR VTR
UPD6461 NEC-UPD6461 Datasheet
411Kb / 60P
CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
UPD6464A NEC-UPD6464A Datasheet
570Kb / 52P
ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
UPD6466 NEC-UPD6466 Datasheet
494Kb / 70P
ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
UPD6453 NEC-UPD6453 Datasheet
6Mb / 42P
MOS INTEGRATED CIRCUIT CMOS LSI FOR 12 lines X 24 columns CHARACTER DISPLAY ON SCREEN
UPD6451A NEC-UPD6451A Datasheet
2Mb / 40P
MOS INTEGRATED CIRCUIT CMOS LSI FOR 12lines X 24 columns CHARACTER DISPLAY ON SCREEN
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com