Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6467 Datasheet (PDF) - Renesas Technology Corp

UPD6467 Datasheet PDF - Renesas Technology Corp
Part # UPD6467
Download  UPD6467 Download
File Size   675.76 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6467 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6467 Datasheet PDF - Renesas Technology Corp

Part # UPD6467
Download  UPD6467 Click to download

File Size   675.76 Kbytes
Page   70 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6467 Datasheet (HTML) - Renesas Technology Corp


UPD6467 Product details

ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER,
12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR

FEATURES
• Number of display characters : 12 rows, 28 columns (336 characters)
• Types of character : 512 types (ROM). Changeable by using mask code option.
• Character size : Can be expanded up to four-fold in vertical and horizontal directions
independently, in units of lines.
• Number of character colors : 8 colors
• Framing : Framing or no framing, or white or black framing selectable in screen units.
• Dot matrix : 12 (horizontal) × 18 (vertical) dot configuration. No gap between adjacent
characters.
• Blinking : Blinking can be turned ON/OFF in character units. The blinking ratio is 1:1.
The blinking frequency can be selected from about 1 Hz, about 2 Hz, and
about 0.5 Hz in screen unit.
• Character color reversing function : The color of the character and that of the background can be reversed.
• Character left and right reverse : Left and right can be reversed for display in character units.
• Background : No background, blank background, or filled background selectable in screen units.
• Blue back function : Blue or white can be selected as the background.
• External dot clock input : Frequency 2-divide function is selectable.
• Signal output : 3 sets (output (1) R, G, B + BLK/VC1 + VBLK1/VC2 + VBLK2 and output (2) R +
RBLK/B + BBLK/G + GBLK selectable by command)
When output (1) is selected, VC1 and VC2 outputs can be selected from three types.
• Video RAM data clear : Implemented by video RAM batch clear command or by clear function on
power-ON.




Similar Part No. - UPD6467

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6467 NEC-UPD6467 Datasheet
609Kb / 68P
ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR
UPD6467GR NEC-UPD6467GR Datasheet
609Kb / 68P
ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 28-COLUMN, CAMERA-CONTAINED VCR
More results


Similar Description - UPD6467

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com