Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6464A Datasheet (PDF) - Renesas Technology Corp

UPD6464A Datasheet PDF - Renesas Technology Corp
Part # UPD6464A
Download  UPD6464A Download
File Size   580.36 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6464A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6464A Datasheet PDF - Renesas Technology Corp

Part # UPD6464A
Download  UPD6464A Click to download

File Size   580.36 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD6464A Datasheet (HTML) - Renesas Technology Corp


UPD6464A Product details

FEATURES
• Video signal input/output : Composite video signal
• Number of display characters : 12 lines, 24 columns (288 characters)
• Number of character types : 128 (mPD6464A)/256 (mPD6465) (ROM). Variable by mask code option.
• Character size : 1 dot/1 line. 2 lines (field) can be displayed in line units.
• Character color : White (single color)
• Background : No background, black framing, black-on-white, and black filling
• Dot matrix : 12 (horizontal) ´ 18 (vertical) dots without gap between adjacent characters
• Blinking : Blinking can be turned ON/OFF in character units. Blinking ratio is 1:1.
Blinking frequency is selectable from about 0.5 Hz, 1 Hz, and 2 Hz in screen units.
• Character signal output: : Can support VCRs with S pins if external mixer is connected because
character signal and blanking signal output pins are provided.
• Video RAM data clear : Video RAM data are cleared by video RAM clear command and power-ON
clear function.
• Supported video signal method : NTSC/PAL/PAL-M/SECAM/PAL-N (mPD6464A only)
• Internal circuit : Synchronization separation circuit for composite synchronizing signal and ´4 multiplier
• Interface with microcomputer : Serial input type of 8-bit variable word length
• Supply voltage : +5 V, single power supply




Similar Part No. - UPD6464A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6464A NEC-UPD6464A Datasheet
570Kb / 52P
ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
UPD6464ACS NEC-UPD6464ACS Datasheet
570Kb / 52P
ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
UPD6464AGT NEC-UPD6464AGT Datasheet
570Kb / 52P
ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
More results


Similar Description - UPD6464A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com