Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4449
Description  High Speed Synchronous N-Channel MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC4449
14
4449fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0610 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC4442/LTC4442-1 High Speed Synchronous N-Channel MOSFET Driver
Up to 38V Supply Voltage, 6V ≤ VCC ≤ 9.5V, 2.4A Peak Pull-
Up/5A Peak Pull-Down
LTC4444/LTC4444-5 High Voltage Synchronous N-Channel MOSFET Driver with
Shoot-Through Protection
Up to 100V Supply Voltage, 4.5V/7.2V ≤ VCC ≤ 13.5V, 3A Peak
Pull-Up/0.55Ω Peak Pull-Down
LTC4446
High Voltage Synchronous N-Channel MOSFET Driver without
Shoot-Through protection
Up to 100V Supply Voltage, 7.2V ≤ VCC ≤ 13.5V, 3A Peak Pull-
Up/0.55Ω Peak Pull-Down
LTC4440/LTC4440-5 High Speed, High Voltage High Side Gate Driver
Up to 80V Supply Voltage, 8V ≤ VCC ≤ 15V, 2.4A Peak Pull-
Up/1.5Ω Peak Pull-Down
LTC4441/LTC4441-1 N-Channel MOSFET Gate Driver
Up to 25V Supply Voltage, 5V ≤ VCC ≤ 25V, 6A Peak Output
Current
VINSNS
VCC
FREQ
FB2
ILIM2
FB1
COMP1,2
SS1,2
IN
VLOGIC
VCC
BOOST
GND
TG
TS
BG
RUN1,2
ILIM1
ISNS1P
ISNS1N
ISNS2N
ISNS2P
LTC3860
PWM1
LTC4449
VIN
VIN
SW1
0.3μH
SGND
CLKIN
VSNSOUT
VSNSN
VSNSP
PWM2
PWM2
PWM1
470μF
1μF
0.22μF
0.22μF
TG1
BG1
VCC
VCC
0.22μF
100pF
1nF
0.1μF
220pF
12.7k
220Ω
50k
2.32k
2.32k
20k
20k
33pF
VOUT
VIN
VCC
IN
VLOGIC
VCC
BOOST
GND
TG
TS
BG
LTC4449
SW2
0.3μH
0.22μF
TG2
BG2
4449 TA03
330μF
4
VOUT
1.2V
50A
IAVG
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com