Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4449
Description  High Speed Synchronous N-Channel MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 2Page - Linear Technology LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC4449
6
4449fa
BLOCK DIAGRAM
PIN FUNCTIONS
TG (Pin 1): High Side Gate Driver Output (Top Gate). This
pin swings between TS and BOOST.
TS (Pin 2): High Side MOSFET Source Connection (Top
Source).
BG (Pin 3): Low Side Gate Driver Output (Bottom Gate).
This pin swings between VCC and GND.
GND (Pin 4, Exposed Pad Pin 9): Chip Ground. The
exposed pad must be soldered to PCB ground for optimal
electrical and thermal performance.
IN (Pin 5): Input Signal. Input referenced to an internal
supply baised off of VLOGIC (Pin 6) and GND. If this pin is
floating, an internal resistive divider triggers a shutdown
mode in which both BG (Pin 3) and TG (Pin 1) are pulled
low. Trace capacitance on this pin should be minimized
to keep the shutdown time low.
VLOGIC (Pin 6): Logic Supply. This pin powers the input
buffer and logic. Connect this pin to the power supply
of the controller that is driving IN (Pin 5) to match input
thresholds or to VCC (Pin 7) to simplify PCB routing.
VCC (Pin 7): Output Driver Supply. This pin powers the
low side gate driver output directly and the high side gate
driver output through an external Schottky diode connected
between this pin and BOOST. A low ESR ceramic bypass
capacitor should be tied between this pin and GND.
BOOST (Pin 8): High Side Bootstrapped Supply. An
external capacitor should be tied between this pin and TS
(Pin 2). Normally an external Schottky diode is connected
between VCC (Pin 7) and this pin. Voltage swing at this
pin is from VCC – VD to VIN + VCC – VD, where VD is the
forward voltage drop of the Schottky diode.
8
1
2
SHOOT-
THROUGH
PROTECTION
THREE-STATE
INPUT
BUFFER
LEVEL
SHIFTER
INTERNAL
SUPPLY
UNDERVOLTAGE
LOCKOUT
UNDERVOLTAGE
LOCKOUT
BOOST
TG
TS
3
6
BG
4449 BD
VCC
7k
7k
VLOGIC
7
VCC
5
IN
4
GND
9
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com