Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF-02 Datasheet(PDF) 4 Page - Linear Technology

Part # REF-02
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF-02 Datasheet(HTML) 4 Page - Linear Technology

  REF-02_15 Datasheet HTML 1Page - Linear Technology REF-02_15 Datasheet HTML 2Page - Linear Technology REF-02_15 Datasheet HTML 3Page - Linear Technology REF-02_15 Datasheet HTML 4Page - Linear Technology REF-02_15 Datasheet HTML 5Page - Linear Technology REF-02_15 Datasheet HTML 6Page - Linear Technology REF-02_15 Datasheet HTML 7Page - Linear Technology REF-02_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REF-01/REF-02
4
ref012fd
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 15V, –55°C ≤ TA ≤ ±125°C for REF-01A/REF-02A and REF-01/REF-02, 0°C ≤ TA ≤ 70°C for REF-01E/REF-02E and
REF-01H/REF-02H, IL = 0mA unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
REF-01A/E, REF-02A/E
REF-01H/ REF-02H
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ΔV
ΔT
Output Voltage Change With
Temperature (Notes 4, 5)
0°C ≤ TA ≤ 70°C
–55°C ≤ TA ≤ 125°C
l
l
0.02
0.09
0.06
0.15
0.035
0.144
0.17
0.45
%
%
TC
Output Voltage Temperature
Coefficient
(Note 6)
l
58.5
8
25
ppm/°C
Change in VO Temperature
Coefficient With Output
Adjustment
RP = 10kΩ
l
0.5
0.5
ppm/%
ΔVOUT
ΔVIN
Line Regulation
(VOUT + 3V) ≤ VIN ≤ 33V (Note 2)
0°C ≤ TA ≤ 70°C
–55°C ≤ TA ≤ 125°C
l
l
0.0001
0.0001
0.012
0.015
0.0001
0.0001
0.012
0.015
%/V
%/V
ΔVOUT
ΔIOUT
Load Regulation
(IL = 0mA to 8mA) (Note 2)
0°C ≤ TA ≤ 70°C
–55°C ≤ TA ≤ 125°C
l
l
0.002
0.002
0.01
0.012
0.002
0.002
0.012
0.015
%/mA
%/mA
Temperature Voltage Output
Temperature Coefficient
(Note 3) REF-02
l
2.1
2.1
mV/°C
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
REF-01C, REF-02C
REF-02D
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ΔV
ΔT
Output Voltage Change With
Temperature
(Notes 4, 5)
l
0.45
1.7
%
TC
Output Voltage Temperature
Coefficient
(Note 6)
l
865
8
250
ppm/°C
Change in VO Temperature
Coefficient With Output
Adjustment
RP = 10kΩ
l
0.5
0.5
ppm/%
ΔVOUT
ΔVIN
Line Regulation
(Note 2)
VIN = 8V to 30V
l
0.0001
0.018
0.0001
0.05
%/V
ΔVOUT
ΔIOUT
Load Regulation
(Note 2)
IL = 0mA to 5mA
l
0.002
0.018
0.002
0.05
%/mA
Temperature Voltage Output
Temperature Coefficient
(Note 3) REF-02
l
2.1
2.1
mV/°C
SYMBOL
PARAMETER
CONDITIONS
REF-01C, REF-02C
REF-02D
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ΔVOUT
ΔVIN
Line Regulation
(Note 2)
(VOUT + 3V) ≤ VIN ≤ 33V
0.0001 0.015
0.0001
0.04
%/V
ΔVOUT
ΔIOUT
Load Regulation
(Note 2)
IL = 0mA to 8mA
IL = 0mA to 4mA
0.0005 0.015
0.001
0.04
%/mA
%/mA
IQ
Quiescent Supply Current
No Load
0.65
1.6
0.65
2
mA
IOUT
Load Current
Sink Current
8
–0.2
20
20
8
–0.2
20
20
mA
mA
ISC
Short-Circuit Current
VO = 0V
25
25
mA
VT
Temperature Voltage Output
(Note 3)
REF-02 Only
620
620
mV
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 15V, 0°C ≤ TA ≤ 70°C and IL = 0mA unless otherwise noted.
VIN = 15V, TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com