Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF-02 Datasheet(PDF) 5 Page - Linear Technology

Part # REF-02
Description  Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF-02 Datasheet(HTML) 5 Page - Linear Technology

  REF-02_15 Datasheet HTML 1Page - Linear Technology REF-02_15 Datasheet HTML 2Page - Linear Technology REF-02_15 Datasheet HTML 3Page - Linear Technology REF-02_15 Datasheet HTML 4Page - Linear Technology REF-02_15 Datasheet HTML 5Page - Linear Technology REF-02_15 Datasheet HTML 6Page - Linear Technology REF-02_15 Datasheet HTML 7Page - Linear Technology REF-02_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REF-01/REF-02
5
ref012fd
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Line and load regulation specifications include the effect of self
heating.
Note 3: Limit current in or out of Pin 3 to 50nA and capacitance on Pin 3
to 30pF.
Note 4: ΔV is defined as the absolute difference between the maximum
output voltage and the minimum output voltage over the specified
temperature range expressed as a percentage of nominal output.
ΔV
VMAX VMIN
VOUT
=
–
•100
Note 5: ΔV specification applies trimmed or untrimmed.
Note 6: TC is defined as ΔV divided by the temperature range, i.e.,
TC
V
TMAX TMIN
=
Δ
–
Note 7: 0.1Hz to 10Hz noise cannot be 100% tested on modern high speed
test equipment, so Linear Technology does not put a guaranteed maximum
specification on this parameter for standard units. 100% bench testing of
0.1Hz to 10Hz noise is available on special request. To ensure low output
noise, Linear Technology
does 100% test 10Hz to 1kHz noise. Consult
factory for details.
ELECTRICAL CHARACTERISTICS
PACKAGE DESCRIPTION
.050
(1.270)
MAX
.016 – .021**
(0.406 – 0.533)
.010 – .045*
(0.254 – 1.143)
SEATING
PLANE
.040
(1.016)
MAX
.165 – .185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
.500 – .750
(12.700 – 19.050)
.305 – .335
(7.747 – 8.509)
.335 – .370
(8.509 – 9.398)
DIA
.230
(5.842)
TYP
.027 – .045
(0.686 – 1.143)
.028 – .034
(0.711 – 0.864)
.110 – .160
(2.794 – 4.064)
INSULATING
STANDOFF
45°
H8 (TO-5) 0.230 PCD 0204
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND THE SEATING PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
.016 – .024
(0.406 – 0.610)
*
**
PIN 1
H Package
8-Lead TO-5 Metal Can (.230 Inch PCD)
(Reference LTC DWG # 05-08-1321)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com