Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH37C Datasheet(PDF) 1 Page - Linear Technology

Part # RH37C
Description  Low Noise, High Speed Precision Op Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH37C Datasheet(HTML) 1 Page - Linear Technology

  RH37C Datasheet HTML 1Page - Linear Technology RH37C Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE SPECIFICATION
1
RH37C
rh37cfdice
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
8.
VOS TRIM
–IN
+IN
V–
No Connect
OUT
V+
VOS TRIM
Backside (Substrate)
is an alloyed gold layer.
Connect to V–
99mils
× 83mils
Low Noise, High Speed
Precision Op Amp
DICE ELECTRICAL TEST LIMITS VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
DIE CROSS REFERENCE
LTC Finished
Part Number
Order
Part Number
RH37C
RH37C DICE
Please refer to LTC standard product data sheet for
other applicable product information.
SYMBOL
PARAMETER
CONDITIONS
RH37C
UNITS
MIN
MAX
VOS
Input Offset Voltage
(Note 1)
150
μV
IOS
Input Offset Current
85
nA
IB
Input Bias Current
90
nA
Input Voltage Range
±11.0
V
CMRR
Common Mode Rejection Ratio
VCM = ±11
95
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
92
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 2k, VO = ±10V
600
V/mV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
RL ≥ 600Ω
±11.4
±10.0
V
V
SR
Slew Rate
RL ≥ 2k
11
V/μs
PD
Power Dissipation
170
mW
Note 1: Input offset voltage measurements are performed by automatic
equipment, approximately 0.5 seconds after application of power.


Similar Part No. - RH37C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH37C LINER-RH37C Datasheet
164Kb / 4P
Precision Operational Amplifier
RH37C LINER-RH37C Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
Analog Devices
RH37C AD-RH37C Datasheet
516Kb / 5P
Precision Operational Amplifier
REV C
More results

Similar Description - RH37C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
Analog Devices
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
Dual High Speed, Low Noise Op Amp
REV. C
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com