Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1812 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 9Page - STMicroelectronics AN1812 Datasheet HTML 10Page - STMicroelectronics AN1812 Datasheet HTML 11Page - STMicroelectronics AN1812 Datasheet HTML 12Page - STMicroelectronics AN1812 Datasheet HTML 13Page - STMicroelectronics AN1812 Datasheet HTML 14Page - STMicroelectronics AN1812 Datasheet HTML 15Page - STMicroelectronics AN1812 Datasheet HTML 16Page - STMicroelectronics AN1812 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AN1812
7 Error analysis / constraints
13/34
the conversion time and the better the accuracy will be. So there is always a trade-off between
conversion time and accuracy.
7.5
16-bit TIMER
A 16-bit timer is used as the counter that measures the conversion time. Overflows are also
taken into account, so we can also use an 8-bit timer. The resolution of the ADC depends on
the operating frequency of the timer.
7.6
Effect of temperature
The value and characteristics of each component vary with temperature. The effect of
temperature can be broadly categorized as offset drift and gain drift. So we need to
compensate the ADC for each significant change in temperature.
7.7
Comparator
The comparators are the cornerstone of the A/D conversion process. The ability of the
comparator to detect small voltage/current changes makes the comparator very important in
the
A/D conversion process. So any degradation of the intended behaviour of the comparator,
which is most usually caused by unwanted noise, will lead to the degradation of the ADC’s
ability to measure low voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com