Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1812 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 18Page - STMicroelectronics AN1812 Datasheet HTML 19Page - STMicroelectronics AN1812 Datasheet HTML 20Page - STMicroelectronics AN1812 Datasheet HTML 21Page - STMicroelectronics AN1812 Datasheet HTML 22Page - STMicroelectronics AN1812 Datasheet HTML 23Page - STMicroelectronics AN1812 Datasheet HTML 24Page - STMicroelectronics AN1812 Datasheet HTML 25Page - STMicroelectronics AN1812 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
11 Result
AN1812
22/34
Figure 17 shows the relationship between measured voltages Vmeasured (average of the 16
readings measured by the converter) and input voltage Vin (As measured by the multimeter) for
negative voltages.
Figure 17. Measured vs input for negative voltages
Figure 18. Error vs input for negative input voltages
Note:
In Figure 18, we see that for the negative input voltages varying from 0 to -1V, the maximum
error is around -2.89mV for -1V input. The error of 0.5 mV occurs for the input value of -269 mV
and it increases gradually afterwards. The maximum difference between maximum value and
the minimum in loop is around 600 uV. So the accuracy of the average value measured is
around 3 mV, and without averaging the accuracy is around 3.6 mV.
11.3
Effect of the capacitor value
As discussed in error analysis (Section 7), reducing the R*C time constant by reducing the
value of R or C, will reduce the accuracy. We have also taken the reading for the capacitor value
of 10 uF. This shows that the accuracy of the ADC is reduced. An example is given in Figure 19
of readings with a 10 uF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com