Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2182 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2182
Description  Filters using the ST10 DSP library
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2182 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2182 Datasheet HTML 8Page - STMicroelectronics AN2182 Datasheet HTML 9Page - STMicroelectronics AN2182 Datasheet HTML 10Page - STMicroelectronics AN2182 Datasheet HTML 11Page - STMicroelectronics AN2182 Datasheet HTML 12Page - STMicroelectronics AN2182 Datasheet HTML 13Page - STMicroelectronics AN2182 Datasheet HTML 14Page - STMicroelectronics AN2182 Datasheet HTML 15Page - STMicroelectronics AN2182 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Implementation example using the ST10 DSP library
AN2182
12/18
7
Implementation example using the ST10 DSP library
7.1
Overview
In this example, an input signal is fed to an analog input of the ST10F27x, processed by a
digital low-pass filter and then output on a PWM output setup as a digital to analog converter.
The digital filter is a low-pass filter with a cutoff frequency equal to 2 kHz and an order of 14
implemented on the ST10F27x using the DSP library provided by STMicroelectronics.
Figure 8.
Low-pass filter modules
The whole implementation includes the following elements:
●
ADC (analog-to-digital converter): the 10-bit ADC of the ST10F27x is used. The input
signal is entered on channel 0 (P5.0) of the ST10F27x. The ADC conversion time is
4.85 µs (ADCST = ADCTC and ST10 frequency = 40 MHz). When the conversion is
complete, the result stored in the ADDAT register is provided to the FIR filter module.
●
Digital filter module: it provides a digital filtered sample. The function used in this
application is the fir_q15_q15_q15() provided in the LibST10.h. This means that the
inputs, outputs and the FIR coefficients are fractional between –1 and 1 and are coded in
the format Q1.15.
●
DAC (digital-to-analog converter): this module converts the digital filtered signal into an
analog one. An 8-bit DAC is implemented using the ST10F27x PWM and an analog low-
pass filter RC. The PWM frequency is 158.8 kHz. The RC filter is used to retain the
continuous components and to remove the frequency of the PWM module. In our case, the
RC cutoff frequency is 26.8 kHz. The digital filtered sample sets the pulse width of the
PWM signal.
ST10F276
ADC
module
Low-
pass
Signal
sampled
PWM
module
P5.0
P5.0
P7.0
27 k
Ω
filter
Signal
filtered
DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com