Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2182 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2182
Description  Filters using the ST10 DSP library
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2182 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2182 Datasheet HTML 10Page - STMicroelectronics AN2182 Datasheet HTML 11Page - STMicroelectronics AN2182 Datasheet HTML 12Page - STMicroelectronics AN2182 Datasheet HTML 13Page - STMicroelectronics AN2182 Datasheet HTML 14Page - STMicroelectronics AN2182 Datasheet HTML 15Page - STMicroelectronics AN2182 Datasheet HTML 16Page - STMicroelectronics AN2182 Datasheet HTML 17Page - STMicroelectronics AN2182 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Implementation example using the ST10 DSP library
AN2182
14/18
7.2
Sampling frequency and FIR coefficients
Using the flowchart in the previous section, the sampling period is the time needed between
point A and point B.
To calculate the FIR’s coefficients, the sampling period should be known. We measure the time
between points A and B and the result is 17.5 kHz.
Note that to reconstitute the filtered signal, the input signal should not contain frequencies
greater than 8.75 kHz.
The FIR’s coefficients are then computed according to this sampling frequency
7.3
Results
To analyze the filter’s frequency and phase responses, a sinusoidal signal of a 2V amplitude is
used. The input voltage varies between 0 and 2 V.
7.3.1
Frequency response
To draw the filter’s frequency response, the amplitude of the output signal is measured.
The following figure gives the filter’s response.
Figure 10. Filter’s frequency response
h0
()
h1
()
h2
()
h3
()
h4
()
h5
()
h6
()
h7
()
h8
()
h9
()
h10
()
h11
()
h12
()
h13
()
h14
()
0.23
c 1.61
–
()
sin
0.23
c 1.37
–
()
sin
0.23
c 1.14
–
()
sin
0.23
c 0.914
–
()
sin
0.23
c 0.68
–
()
sin
0.23
c 0.46
–
()
sin
0.23
c 0.23
–
()
sin
0.23
c 0
()
sin
0.23
c 0.23
()
sin
0.23
c 0.46
()
sin
0.23
c 0.68
()
sin
0.23
c 0.914
()
sin
0.23
c 1.14
()
sin
0.23
c 1.37
()
sin
0.23
c 1.61
()
sin
0.0428
–
0.049
–
0.0273
–
0.0214
0.0902
0.1579
0.2105
0.23
0.2105
0.1579
0.0902
0.0214
0.0273
–
0.049
–
0.0428
–
1402
–
1605
–
895
–
701
2956
5174
6898
7537
6898
5174
2956
701
895
–
1605
–
1402
–
···
2
15
–
⋅
==
=
-30
-20
-10
0
10
1
10
100
1000
10000
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com