Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2441 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2441
Description  Low cost effective oscillator for STR71x MCUs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2441 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2441 Datasheet HTML 3Page - STMicroelectronics AN2441 Datasheet HTML 4Page - STMicroelectronics AN2441 Datasheet HTML 5Page - STMicroelectronics AN2441 Datasheet HTML 6Page - STMicroelectronics AN2441 Datasheet HTML 7Page - STMicroelectronics AN2441 Datasheet HTML 8Page - STMicroelectronics AN2441 Datasheet HTML 9Page - STMicroelectronics AN2441 Datasheet HTML 10Page - STMicroelectronics AN2441 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN2441
Pierce oscillator design
7/14
3
Pierce oscillator design
Pierce oscillators are commonly used in applications because of their low consumption, low
cost and their stability. They are based on the principle in the Figure 5.
Figure 5.
Pierce oscillator circuitry
3.1
Amplifier element: 74V1GU04 ST inverter + feedback resistor
The amplifier is the active element in the oscillator design.
Basically, an inverter operating with a VDD power supply has the following response:
Figure 6.
An Inverter Response
The transfer function of an inverter is non-linear. However, it acts as an amplifier only in the
shaded area.
By biasing and operating the inverter near the maximum gain point, amplification is
achieved. For this reason, a resistor is connected between the input and the output of the
inverter.
For CMOS technology, typical values are between 1 M
Ω and 10 MΩ. However, for TTL
technology, typical values are around several hundred
Ω.
In our example, the STMicroelectronics unbuffered inverter 74V1GU04 and a 2M
Ω feedback
resistor have been selected for the oscillator design.
The inverter creates 180° phase shift. In order to satisfy the Barkhausen’s criteria phase
condition for oscillation, a suitable feedback element should create the additional 180°
phase delay. This is ensured by using a crystal operating at parallel resonance.
RF
Rs
Quartz
C1
C2
VDD
VDD
VDD/2
Vin
Vin
Vout
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com