Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2441 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2441
Description  Low cost effective oscillator for STR71x MCUs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2441 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2441 Datasheet HTML 1Page - STMicroelectronics AN2441 Datasheet HTML 2Page - STMicroelectronics AN2441 Datasheet HTML 3Page - STMicroelectronics AN2441 Datasheet HTML 4Page - STMicroelectronics AN2441 Datasheet HTML 5Page - STMicroelectronics AN2441 Datasheet HTML 6Page - STMicroelectronics AN2441 Datasheet HTML 7Page - STMicroelectronics AN2441 Datasheet HTML 8Page - STMicroelectronics AN2441 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN2441
Oscillator theory
3/14
1
Oscillator theory
An oscillator consists of an amplifier and a feedback network to provide frequency selection.
The following figure shows the block diagram of the basic principle.
Figure 1.
Oscillator principle
Where:
A(f) is the complex transfer function of the amplifier providing energy to the loop in
order to keep it oscillating.
B(f) is the complex transfer function of the feedback which is setting the oscillator
frequency.
To oscillate, the following Barkhausen conditions must be fulfilled. The closed loop gain
should be greater than 1 and the total phase shift of 360° is to be provided.
and
In order to get the oscillator to start up, it needs initial electrical energy. Power-up transients
as well as noise can supply the needed energy. However, the energy level should be high
enough to trigger oscillation at the required frequency. Mathematically, this is represented by
|A(w)|.|B(w)| >> 1 which means that the open loop gain should be much higher than 1. The
time until steady oscillations are reached depends on the open loop gain.
A(f)
B(f)
Active element
Passive feedback element
Vout
Af
()
Af
() e
jf
α f
()
⋅
=
Bf
()
Bf
() e
jf
β f
()
⋅
=
Af
()
Bf
()
1
≥
⋅
α f
() β f
()
+
2
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com